Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD4-DFN Datasheet(PDF) 4 Page - Protek Devices

Part # ESD4-DFN
Description  LOW CAPACITANCE TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

ESD4-DFN Datasheet(HTML) 4 Page - Protek Devices

  ESD4-DFN Datasheet HTML 1Page - Protek Devices ESD4-DFN Datasheet HTML 2Page - Protek Devices ESD4-DFN Datasheet HTML 3Page - Protek Devices ESD4-DFN Datasheet HTML 4Page - Protek Devices ESD4-DFN Datasheet HTML 5Page - Protek Devices ESD4-DFN Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05266.R1 3/11
Page 4
ESD4-DFN
DFN-4 PACkAGE INFORMATION
OuTLINE DIMENSIONS
DIM
MILLIMETERS
INChES
MIN
MAX
MIN
MAX
A
0.95
1.05
0.038
0.042
B
0.95
1.05
0.038
0.042
C
0.45
0.55
0.018
0.022
L1
0.20
0.30
0.008
0.012
L2
0.20
0.30
0.008
0.012
G1
0.25
0.35
0.010
0.014
G2
0.60
0.70
0.023
0.028
G3
0.05
0.15
0.002
0.006
P
0.45
0.55
0.018
0.022
NOTES
1. Controlling dimension: millimeters.
2. Dimensioning and tolerances per ANSI Y14.M, 1985.
3. Dimension “B” applies to terminal and is measured between 0.25 and
0.30mm from terminal.
4. Coplanarity applies to the exposed pad as well as the terminals.
5. Dimension “P” is BSC.
PAD LAYOuT DIMENSIONS
DIM
MILLIMETERS
INChES
NOMINAL
NOMINAL
A
0.60
0.024
B
1.30
0.051
C
0.50 BSC
0.020 BSC
D
0.40
0.016
E
0.30
0.012
F
0.20
0.008
NOTES
1. Controlling dimension: millimeters.
A
B
C
P
G2
G3
L1
L2
G1
TOP VIEW
SIDE VIEW
BOTTOM VIEW
A
C
E
B
D
F



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com