Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD4-DFN Datasheet(PDF) 1 Page - Protek Devices

Part # ESD4-DFN
Description  LOW CAPACITANCE TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

ESD4-DFN Datasheet(HTML) 1 Page - Protek Devices

  ESD4-DFN Datasheet HTML 1Page - Protek Devices ESD4-DFN Datasheet HTML 2Page - Protek Devices ESD4-DFN Datasheet HTML 3Page - Protek Devices ESD4-DFN Datasheet HTML 4Page - Protek Devices ESD4-DFN Datasheet HTML 5Page - Protek Devices ESD4-DFN Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05266.R1 3/11
Page 1
ESD4-DFN
LOW CAPACITANCE TVS ARRAY
DESCRIPTION
The ESD4-DFN is a multi-line, low capacitance , 7pF @ 2.5V bias transient voltage suppressor array. This device is
designed to protect applications such as wireless telecommunication devices, PCMCIA cards and other portable
electronics from the damaging effects of ESD and EFT.
The ESD4-DFN has a working voltage of 5.0V and a minimum breakdown voltage of 6.0V. The ESD4-DFN is ideally
suited to protect 5V DC lines and data I/O ports against ESD and EFT and meets IEC 61000-4-2 (ESD) and IEC 61000-
4-4 (EFT) requirements. At higher operating frequencies or faster edge rates, insertion loss and signal integrity are
a major concern. Packaged in the DFN-4 plastic case, the ESD4-DFN should be placed near the connector to provide
maximum protection.
FEATuRES
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• 25 Watts Peak Pulse Power per Line (tp = 8/20µs)
• ESD Protection > 25 kilovolts
• Protects up to 4 Data Lines
• RoHS Compliant
• REACH Compliant
MEChANICAL ChARACTERISTICS
• Molded JEDEC DFN-4 Package
• Approximate Weight: 2 milligrams
• Lead-Free Nickel Paladium Gold
• Solder Reflow Temperature:
Nickel-Paladium-Gold: Ni/Pd/Au, 96/3.5/0.5: 260-270°C
• 8mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
APPLICATIONS
• SMART Phones
• LCD Display Panel
• Portable Electronics
• SMART Cards
PIN CONFIGuRATION
1
2
3
4
DFN-4 PACkAGE


Similar Part No. - ESD4-DFN

ManufacturerPart #DatasheetDescription
logo
Protek Devices
ESD4-DFN PROTEC-ESD4-DFN_12 Datasheet
548Kb / 6P
LOW CAPACITANCE TVS ARRAY
More results

Similar Description - ESD4-DFN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCL01-6 ETC-PCL01-6 Datasheet
142Kb / 4P
LOW CAPACITANCE TVS ARRAY
logo
Protek Devices
ESOT24LCC-2 PROTEC-ESOT24LCC-2 Datasheet
92Kb / 3P
LOW CAPACITANCE TVS ARRAY
VSB06P05LCI PROTEC-VSB06P05LCI Datasheet
105Kb / 4P
LOW CAPACITANCE TVS ARRAY
LCA05C PROTEC-LCA05C_07 Datasheet
84Kb / 5P
LOW CAPACITANCE TVS ARRAY
PLC03-3.3 PROTEC-PLC03-3.3 Datasheet
72Kb / 4P
LOW CAPACITANCE TVS ARRAY
RSB6.8G PROTEC-RSB6.8G Datasheet
59Kb / 4P
LOW CAPACITANCE TVS ARRAY
VSMF05LC PROTEC-VSMF05LC Datasheet
67Kb / 4P
LOW CAPACITANCE TVS ARRAY
ESOT12LCC-1 PROTEC-ESOT12LCC-1 Datasheet
72Kb / 3P
LOW CAPACITANCE TVS ARRAY
PAM06SC7905S PROTEC-PAM06SC7905S Datasheet
437Kb / 6P
LOW CAPACITANCE TVS ARRAY
DSOT0502 PROTEC-DSOT0502 Datasheet
524Kb / 6P
LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com