Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1382 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT1382
Description  I2C/3-Wire Real Time Clock
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1382 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT1382 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 13Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 14Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Register Description
The device includes 16 registers which are used to control functions such as the RTC, Status, Alarm,
Frequency output etc. There are also five bytes of EEPROM which contain the clock compensation
settings and stored user data. The RTC and Alarm register data is stored in BCD format, while other
data is stored in binary format. The register map shows the address definitions for the I
2C interface.
The command byte and R/W bit are used for the 3-wire interface.
Address
Register Definition
Register
Name
Range
Data
Default
Bit
R/W
Command
Byte
D7
D6
D5
D4
D3
D2
D1
D0
00H
CH
10 SEC
SEC
Seconds
00~59
80H
W
R
10000000
10000001
01H
0
10 MIN
MIN
Minutes
00~59
00H
W
R
10000010
10000011
02H
12/
24
0
0
AP
10
HR
HR
HOUR
Hours
01~12
00~23
12H
W
R
10000100
10000101
03H
0
0
10 DATE
DATE
Date
01~31
01H
W
R
10000110
10000111
04H
0
0
0
10M
MONTH
Month
01~12
01H
W
R
10001000
10001001
05H
0
0
0
0
0
DAY
Day
01~07
01H
W
R
10001010
10001011
06H
10 YEAR
YEAR
Year
00~99
00H
W
R
10001100
10001101
07H
WP
0
0
0
0
0
0
0
ST
¾
80H
W
R
10001110
10001111
08H
ARE
0
0
EWE
EB
AI
BE
0
ST
¾
00H
W
R
10010000
10010001
09H
IME
AE
LPM
OEOBM
FO3
FO2
FO1
FO0
INT
¾
00H
W
R
10010010
10010011
0AH
SECEN
AL. 10SEC
AL. SEC
Seconds
Alarm
00~59
00H
W
R
10010100
10010101
0BH
MINEN
AL. 10MIN
AL. MIN
Minutes
Alarm
00~59
00H
W
R
10010110
10010111
0CH
HREN
0
AL. 10HR
AL. HOUR
Hours
Alarm
01~12
00~23
00H
W
R
10011000
10011001
0DH
DTEN
0
AL. 10DT
AL. DATE
Date
Alarm
01~31
00H
W
R
10011010
10011011
0EH
MOEN
0
0
AL.
10M
AL. MONTH
Month
Alarm
01~12
00H
W
R
10011100
10011101
0FH
DAYEN
0
0
0
0
AL. DAY
Day
Alarm
01~07
00H
W
R
10011110
10011111
EEPROM Data
10H
DTS
DT6
DT5
DT4
DT3
DT2
DT1
DT0
DT
¾¾
W
R
10100000
10100001
11H
EEPROM User Data
USR
¾¾
W
R
10100010
10100011
12H
EEPROM User Data
USR
¾¾
W
R
10100100
10100101
13H
EEPROM User Data
USR
¾¾
W
R
10100110
10100111
14H
EEPROM User Data
USR
¾¾
W
R
10101000
10101001
HT1382
I2C/3-Wire Real Time Clock
Rev. 1.20
11
March 8, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com