Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1382 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT1382
Description  I2C/3-Wire Real Time Clock
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1382 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT1382 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 13Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 14Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 15Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 16Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
EEPROM Busy Status Bit
- EB
This bit is set to
²1² when a write operation to the EEPROM has not completed. When this bit is set to
²1², reading data from the EEPROM or writing data to the EEPROM is invalid. After an EEPROM
write has finished, this bit will be cleared to
²0² and the user can read data from the EEPROM or write
data to the EEPROM.
Output Enable On Battery Mode Bit
- OEOBM
This bit enables/disables the IRQ/FOUT pin in the battery mode. When the OEOBM bit is set to
²1²,
the IRQ/FOUT pin is disabled in the battery mode and the frequency output and alarm function are
disabled. When the OEOBM bit is cleared to
²0², the IRQ/FOUT pin is enabled in the battery mode.
Low Power Mode Bit
- LPM
This bit enables/disables the Low Power Mode. When the LPM bit is cleared to
²0², the device will be
in the normal mode and will use the V
BAT
supply when V
DD
<V
BAT
and V
DD
<V
COMP
. When the LPM bit is
set to
²1², the device is in the Low Power Mode and uses the V
BAT
supply when V
DD
<V
BAT
.
Frequency Output Bits
- FO3~FO0
These bits enable/disable the frequency output function and selects the output frequency at the FOUT
pin. The frequency selection table is shown below. It overrides the alarm mode. The 1, 1/2, 1/4, 1/8,
1/16, 1/32 frequency outputs are compensated.
FOUT(Hz)
FO3
FO2
FO1
FO0
¾
0000
32768
0001
4096
0010
1024
0011
64
0100
32
0101
16
0110
80111
41000
21001
11010
1/2
1011
1/4
1100
1/8
1101
1/16
1110
1/32
1111
HT1382
I2C/3-Wire Real Time Clock
Rev. 1.20
13
March 8, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com