Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCT1109 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # ZXCT1109
Description  LOW POWER HIGH-SIDE CURRENT MONITORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1109 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button ZXCT1109 Datasheet HTML 6Page - Diodes Incorporated ZXCT1109 Datasheet HTML 7Page - Diodes Incorporated ZXCT1109 Datasheet HTML 8Page - Diodes Incorporated ZXCT1109 Datasheet HTML 9Page - Diodes Incorporated ZXCT1109 Datasheet HTML 10Page - Diodes Incorporated ZXCT1109 Datasheet HTML 11Page - Diodes Incorporated ZXCT1109 Datasheet HTML 12Page - Diodes Incorporated ZXCT1109 Datasheet HTML 13Page - Diodes Incorporated ZXCT1109 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ZXCT1107/1109/1110
LOW POWER HIGH-SIDE CURRENT MONITORS
ZXCT1107/1109/1110
Document number: DS35033 Rev. 1 - 2
10 of 17
www.diodes.com
MARCH 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Application Information
Description
The current monitor ICs ZXCT1107, ZXCT1109 and ZXCT1110 all use a similar application circuit topology for high-side
current sensing, with small differences. The ZXCT1110 has a separate ground pin whereas the ZXCT1107 and ZXCT1109
do not. The use of ZXCT1110 allows reduction of the absolute current measurement error in some applications by providing
a reduced output offset current. The ZXCT1107 provides a mirror image pin assignment of the ZXCT1109 to ease PCB
layout in very small equipment designs.
The basic application circuit for each device is shown in Figure 1. Two external resistors are required. The resistor RSENSE is
connected in the path of the current to be monitored. The resistor RGAIN converts the device output current to a voltage for
convenient processing by a further device, such as a comparator, amplifier or analog-to-digital converter within a
microcontroller system.
The current monitor output current is defined through the nominal transconductance of 4mA/V.
IOUT = 0.004 * VSENSE
Amp
Equation 1
Then the resistors determine the output voltage as described below.
S+
ZXCT1110
S-
RSENSE
VSUPPLY
OUT
LOAD
GND
RGAIN
GND
OUTPUT
VOUT
ILOAD
VSENSE
Figure 1. Basic Application Circuit
Calculation of Resistor Values
In order to select RSENSE, a choice of sense voltage is required. This often involves a compromise between power efficiency
and accuracy for the given temperature range. The resistor must be small enough to avoid excessive volt drop between the
power supply and the load. However, the resistor must be large enough to avoid excessive current measurement error,
particularly random errors.
In a typical application, a digital system, perhaps a microcontroller, is set up to monitor the current. At a certain threshold
current level, ILOADT, the system is required to disconnect the load or report a fault.
At this current level, the current
measurement error must be limited to a known value.
The total percentage error comprises the inherent error in the
ZXCT1107/1109/1110 device and the tolerances of the two resistors RSENSE and RGAIN.
The ZXCT1107/ZXCT1109 absolute
error is shown in Table 1 with error limits drawn from the table of Electrical Characteristics above. This error varies with
VSENSE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com