Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCT1109 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # ZXCT1109
Description  LOW POWER HIGH-SIDE CURRENT MONITORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1109 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button ZXCT1109 Datasheet HTML 9Page - Diodes Incorporated ZXCT1109 Datasheet HTML 10Page - Diodes Incorporated ZXCT1109 Datasheet HTML 11Page - Diodes Incorporated ZXCT1109 Datasheet HTML 12Page - Diodes Incorporated ZXCT1109 Datasheet HTML 13Page - Diodes Incorporated ZXCT1109 Datasheet HTML 14Page - Diodes Incorporated ZXCT1109 Datasheet HTML 15Page - Diodes Incorporated ZXCT1109 Datasheet HTML 16Page - Diodes Incorporated ZXCT1109 Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ZXCT1107/1109/1110
LOW POWER HIGH-SIDE CURRENT MONITORS
ZXCT1107/1109/1110
Document number: DS35033 Rev. 1 - 2
13 of 17
www.diodes.com
MARCH 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Application Information (cont.)
Alternatively, the ZXCT1110 may be used with a reduced sense voltage if desired. From Equation 3, with
ε=4%,
8
.
1
082
.
0
V
SENSE
−
ε
=
= 0.082/(4-1.8) = 37.2mV
Equation 4 gives
RSENSE = 37.2mV/2A = 18.6mΩ
A suitable preferred value is 20m
Ω. Then the sense voltage will be 2A * 20mΩ = 40mV.
Equation 5 gives
04
.
0
*
004
.
0
2
R
GAIN =
= 12500
Ω
A suitable preferred value is 13k
Ω.
The alternative example circuit using the ZXCT1110 with a sense voltage of 40mV is shown in Figure 3, giving the required
overall accuracy of ±6%.
S+
ZXCT1110
S-
20m
Ω
VSUPPLY
OUT
LOAD
GND
13k
GND
OUTPUT
VOUT
ILOAD
Figure 3. Example Circuit using ZXCT1110
Protection Against Load Short Circuit
In the event of a load short circuit or overload, a large proportion of the supply voltage may appear between the sense
terminals. The supply may be current limited, but there is normally a large reservoir capacitor which can deliver enough
energy to damage the ZXCT11xx before the supply voltage falls to a safe level due to current limit activation.
The ZXCT11xx is rated for a maximum sense voltage of +0.8V, but is safe if the input current is limited to ±8.5mA. In Figure
4, the resistor RPROT limits the current and therefore protects the current monitor device against load short circuit without
introducing significant current measurement error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com