Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCT1109 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # ZXCT1109
Description  LOW POWER HIGH-SIDE CURRENT MONITORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1109 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button ZXCT1109 Datasheet HTML 7Page - Diodes Incorporated ZXCT1109 Datasheet HTML 8Page - Diodes Incorporated ZXCT1109 Datasheet HTML 9Page - Diodes Incorporated ZXCT1109 Datasheet HTML 10Page - Diodes Incorporated ZXCT1109 Datasheet HTML 11Page - Diodes Incorporated ZXCT1109 Datasheet HTML 12Page - Diodes Incorporated ZXCT1109 Datasheet HTML 13Page - Diodes Incorporated ZXCT1109 Datasheet HTML 14Page - Diodes Incorporated ZXCT1109 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ZXCT1107/1109/1110
LOW POWER HIGH-SIDE CURRENT MONITORS
ZXCT1107/1109/1110
Document number: DS35033 Rev. 1 - 2
11 of 17
www.diodes.com
MARCH 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Application Information (cont.)
The ZXCT1110 is highly linear and has a transconductance of 4mA/V ±1.8% and an output of 40µA ±4µA at VSENSE=10mV.
The output current can therefore be calculated (Standard International Units) as:
IOUT = (40 +/-4)*10
-6 + (V
SENSE-0.01)*(0.004 +/- 0.000072) Amp
The worst-case current error is then
IOUTERROR = IOUT – IOUTIDEAL = +/- { 4*10
-6 + (V
SENSE-0.01) * 0.000072 }
Amp
or
IOUTERROR = +/- { 3.28*10
-6 + V
SENSE * 0.000072 } A
The percentage error is
%
100
*
004
.
0
*
V
I
%
100
*
I
I
SENSE
OUTERROR
OUTIDEAL
OUTERROR
=
=
ε
Then
004
.
0
*
V
0072
.
0
*
V
10
*
28
.
3
SENSE
SENSE
4
+
±
=
ε
−
%
or
%
8
.
1
V
082
.
0
SENSE
±
±
=
ε
Equation 2
This shows that the error is reduced with increasing VSENSE. Then the minimum VSENSE required to give the error ±ε % is
8
.
1
082
.
0
V
SENSE
−
ε
=
V
[only for ZXCT1110]
Equation 3
In the application, the effect of the external resistor tolerances must also be taken into account.
Table 1: ZXCT1107/ZXCT1109 Error
VSENSE
Mean IOUT
Error Band
Percent Error
10mV
45.5 µA
±8.5µA
±18.7%
30mV
124.5 µA
±7.6µA
±7.6%
100mV
408 µA
±3.4µA
±3.4%
200mV
809.8 µA
±22.5µA
±2.8%
Table 2: ZXCT1110 Error
VSENSE
Mean IOUT
Error Band
Percent Error
10mV
40µA
±4µA
±10%
30mV
120µA
±5.44µA
±4.53%
100mV
400µA
±10.48µA
±2.62%
200mV
800µA
±17.68µA
±2.21%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com