Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3502 Datasheet(PDF) 3 Page - PETERMANN-TECHNIK

Part # M3502
Description  HIGH RELIABILITY FOR LOW COST
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

M3502 Datasheet(HTML) 3 Page - PETERMANN-TECHNIK

  M3502 Datasheet HTML 1Page - PETERMANN-TECHNIK M3502 Datasheet HTML 2Page - PETERMANN-TECHNIK M3502 Datasheet HTML 3Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PETERMANN
TECHNIK
Time & Frequency Components
PETERMANN-TECHNIK | Amselweg 8 | D-86916 Kaufering
Fon: 00 49 (0) 81 91 / 30 53 95 | Fax: 00 49 (0) 81 91 / 30 53 97
http://www.petermann-technik.de | info@petermann-technik.de
OUTLINE DRAWING OF SMD-GULLWING PACKAGE
12.95max
#14
#1
#7
#8
7.49+0.1
14.98+0.2
-
0.63+0.1
TYP(4 PLACES)
-
1.35+0.1
-
7.62+0.1
-
14.98+0.2
-
1.14
-
Unit: mm
(HCMOS LOAD)
tr
tf
Th
T
VOL
DUTY=Th/T
VOH
90%VDD
50%VDD
10%VDD
TEST CIRCUIT FOR HCMOS
TEST
POINT
+
-
mA
M
VM
POWER
SUPPLY
+
-
+
-
0,1µF
OSCILLATOR
OUT
GND
#1
#7
#8
#14
C =15pF
L
NOTE: CL includes probe and fixture capacitance
VCC
CONTROL VOLTAGE
(TTL LOAD)
tr
tf
Th
T
VOL
DUTY=Th/T
VOH
2.4V
1.4V
0.4V
TEST CIRCUIT FOR TTL
TEST
POINT
+
-
mA
M
VM
POWER
SUPPLY
+
-
+
-
0,1µF
OSCILLATOR
OUT
GND
#1
#7
#8
#14
1N4148
or Equiv
CONTROL VOLTAGE
NOTE: CL includes probe and fixture capacitance
VDD
R=390
L
C =15pF
L



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com