Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3502 Datasheet(PDF) 2 Page - PETERMANN-TECHNIK

Part # M3502
Description  HIGH RELIABILITY FOR LOW COST
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

M3502 Datasheet(HTML) 2 Page - PETERMANN-TECHNIK

  M3502 Datasheet HTML 1Page - PETERMANN-TECHNIK M3502 Datasheet HTML 2Page - PETERMANN-TECHNIK M3502 Datasheet HTML 3Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PETERMANN
TECHNIK
Time & Frequency Components
PETERMANN-TECHNIK | Amselweg 8 | D-86916 Kaufering
Fon: 00 49 (0) 81 91 / 30 53 95 | Fax: 00 49 (0) 81 91 / 30 53 97
http://www.petermann-technik.de | info@petermann-technik.de
PART NUMBERING GUIDE
EXAMPLE
M3302-25-W-S-VX3-50-155.520MHz
M3502 FOR 5 VOLT
SERIES
M3302 FOR 3.3 VOLT
BLANK = +- 100 ppm
50 = +-50 ppm
25 = +-25 ppm
20 = +-20 ppm
15 = +-15 ppm
STABILITY VS. TEMPERATURE
X = OTHER VALUE - PLEASE INDICATE YOUR REQUIRED VALUE
BLANK = 0/+70°C
N = -10/+60°C
M = -20/+70°C
W = -40/+85°C
TEMPERATURE RANGE
X = OTHER VALUE - PLEASE INDICATE YOUR REQUIRED VALUE
BLANK = 40/60%
SYMMETRY
S = 45/55%
V = 0.5 ~ 4.5 V FOR 5 VOLT VERSION
VX = 0 ~ 5.0 V FOR 5 VOLT VERSION
V3 = 0.3 ~ 3.0 V FOR 3.3 VOLT VERSION
CONTROL VOLTAGE
VX3 = 0 ~ 3.3 V FOR 3.3 VOLT VERSION
BLANK = +-50 ppm min.
PULLING RANGE
IF YOU REQUIRE ANOTHER VALUE PLEASE INDICATE THE REQUIRED VALUE
FREQUENCY
FREQUENCY IN MHz
SMD-GULLWING PACKAGE
G
OUTLINE DRAWING M3502 AND M3302
4-00.55max
#1
#7(Grounded to the Case)
#14
#8
15.24
20.4max
Connection
PIN
#1
#7
#8
#14
CONTROL V
GND
OUTPUT
VDD
Unit:mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com