Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3502 Datasheet(PDF) 1 Page - PETERMANN-TECHNIK

Part # M3502
Description  HIGH RELIABILITY FOR LOW COST
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

M3502 Datasheet(HTML) 1 Page - PETERMANN-TECHNIK

  M3502 Datasheet HTML 1Page - PETERMANN-TECHNIK M3502 Datasheet HTML 2Page - PETERMANN-TECHNIK M3502 Datasheet HTML 3Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
- HIGH RELIABILITY FOR LOW COST
- HCMOS/TTL COMPATIBLE
- FREQUENCY STABILITY OF +-15 PPM AVAILABLE
- AVAILABLE IN 5.0 AND 3.3 VOLT
- EXCELLENT JITTER PERFORMANCE
- CHEAPEST AVAILABLE LEADED VCXO WITH HIGH FREQUENCIES UP TO 160.0 MHz
SERIES
PACKAGE
5.0 VOLT
3.3 VOLT
VS. TEMPERATURE
VS. SUPPLY VOLTAGE
VS. LOAD
VS. AGING
OPERATING TEMPERATURE RANGE
STORAGE TEMPERATURE RANGE
VOLTAGE
+5.0 VDC +-5%
+3.3 VDC +-5%
40 mA max. < 45.0 MHz
30 mA max. < 100.0 MHz
50 mA max. < 80.0 MHz
40 mA max. < 192.0 MHz
60 mA max. < 120.0 MHz
70 mA max. < 160.0 MHz
STANDARD
OPTION
SIGNALS FOR 5.0 VOLT
SIGNAL FOR 3.3 VOLT
RISE AND FALL TIME FOR HCMOS
RISE AND FALL TIME FOR TTL
"0" LEVEL
"1" LEVEL
"0" LEVEL
"1" LEVEL
HCMOS 5.0 AND 3.3 VOLT
TTL 5.0 VOLT ONLY
START-UP TIME
INPUT IMPEDANCE
CONTROL VOLTAGE RANGE STANDARD
0.5 ~ 4.5 VDC
0.3 ~ 3.0 VDC
CONTROL VOLTAGE OPTIONAL
0 ~ 5.0 VDC
0 ~ 3.3 VDC
CENTER VOLTAGE
2.5 VDC
1.65 VDC
PULLABILITY
LINEARITY
SLOPE
PIN 1
PIN 7
PIN 8
PIN 14
PERIOD JITTER RMS
25 ps typical for 5 volt version
CONTROL VOLTAGE
CASE GROUND
OUTPUT
SUPPLY VOLTAGE
- EXTENDED TEMPERATURE RANGE TO -40/+85°C AVAILABLE
- APPLICATIONS: FIBER CHANEL, GIGABIT ETHERNET, SET-TOP BOX, BROADBAND, TELECOM, ETC.
10 ns max. (10% VDD TO 90% VDD)
HCMOS AND TTL
HCMOS ONLY
SYMMETRY
FREQUENCY RANGE
CURRENT
INPUT
-10/+60°C ~ -40/+85°C
15 ps typical for 3.3 volt version
+-50 ppm min.
10% max.
POSITIVE
50 k
Ω min.
10% VDD max.
90% VDD min.
0.4 VDC max.
2.4 VDC min.
15 pF
10 TTL
40/60%
45/55%
10 ns max. (0.4 TO 2.4 VOLT)
10 mS max.
-55/+125°C
M3502
DIP 14 PACKAGE
32.0 ~ 160.0 MHz
48.0 ~ 192.0 MHz
+-15 ~ +-100 ppm max.
+-5 ppm max.
+-1 ppm max.
+-5 ppm max. / first year
PETERMANN-TECHNIK | Amselweg 8 | D-86916 Kaufering
Fon: 00 49 (0) 81 91 / 30 53 95 | Fax: 00 49 (0) 81 91 / 30 53 97
http://www.petermann-technik.de | info@petermann-technik.de
OTHER PARAMETERS ARE AVAILABLE ON REQUEST / CREATE HERE YOUR SPECIFICATION
LOAD
OUTPUT
FREQUENCY STABILITY
HCMOS 5.0 AND 3.3 VOLT
TTL FOR 5.0 VOLT ONLY
PIN CONNECTION
PETERMANN
TECHNIK
Time & Frequency Components


Similar Part No. - M3502

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
M3500 PETERMANN-M3500 Datasheet
134Kb / 3P
HIGH RELIABILITY FOR LOW COST
logo
Micronetics, Inc.
M3500-0102 MICRONETICS-M3500-0102 Datasheet
44Kb / 1P
100-200 MHZ TYPICAL OUTPUT FREQUENCY / MODULATION SENSITIVITY VERSUS TUNING VOLTAGE
M3500-0204 MICRONETICS-M3500-0204 Datasheet
45Kb / 1P
200-400 MHZ TYPICAL OUTPUT FREQUENCY / MODULATION SENSITIVITY VERSUS TUNING VOLTAGE
M3500-0305 MICRONETICS-M3500-0305 Datasheet
44Kb / 1P
300-500 MHZ TYPICAL OUTPUT FREQUENCY / MODULATION SENSITIVITY VERSUS TUNING VOLTAGE
M3500-0306 MICRONETICS-M3500-0306 Datasheet
46Kb / 1P
300-600 MHZ TYPICAL OUTPUT FREQUENCY / MODULATION SENSITIVITY VERSUS TUNING VOLTAGE
More results

Similar Description - M3502

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
HC-49US PETERMANN-HC-49US Datasheet
145Kb / 2P
HIGH RELIABILITY FOR LOW COST
CXOF PETERMANN-CXOF Datasheet
140Kb / 2P
HIGH RELIABILITY FOR LOW COST
M2150 PETERMANN-M2150 Datasheet
130Kb / 2P
HIGH RELIABILITY FOR LOW COST
DPS PETERMANN-DPS Datasheet
122Kb / 2P
HIGH RELIABILITY FOR LOW COST
M2500 PETERMANN-M2500 Datasheet
147Kb / 2P
HIGH RELIABILITY FOR LOW COST
M4115 PETERMANN-M4115 Datasheet
78Kb / 1P
HIGH RELIABILITY FOR LOW COST
M6302 PETERMANN-M6302 Datasheet
122Kb / 2P
HIGH RELIABILITY FOR LOW COST
M6337 PETERMANN-M6337 Datasheet
125Kb / 2P
HIGH RELIABILITY FOR LOW COST
M7502 PETERMANN-M7502 Datasheet
134Kb / 3P
HIGH RELIABILITY FOR LOW COST
SXO-0507 PETERMANN-SXO-0507 Datasheet
114Kb / 3P
HIGH RELIABILITY FOR LOW COST
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com