Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC863 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC863
Description  Dual Ultra Low Power Op Amp in SOT23-8
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC863 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC863 Datasheet HTML 1Page - Micrel Semiconductor MIC863 Datasheet HTML 2Page - Micrel Semiconductor MIC863 Datasheet HTML 3Page - Micrel Semiconductor MIC863 Datasheet HTML 4Page - Micrel Semiconductor MIC863 Datasheet HTML 5Page - Micrel Semiconductor MIC863 Datasheet HTML 6Page - Micrel Semiconductor MIC863 Datasheet HTML 7Page - Micrel Semiconductor MIC863 Datasheet HTML 8Page - Micrel Semiconductor MIC863 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
January 2005
5
MIC863
MIC863
Micrel
DC Performance Characteristics
0
5
10
15
20
25
30
35
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
Short Circuit Current
vs. Temperature
V± = 2.5V
V± = ±1.35V
Sinking
0
5
10
15
20
25
30
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
Short Circuit Current
vs. Temperature
1.35V
2.5V
Sourcing
1.0
1.4
1.8
2.2
2.6
3.0
3.4
3.8
4.2
4.6
5.0
5.4
SUPPLY VOLTAGE (V)
Supply Current
vs. Supply Voltage
25°C
-45°C
85°C
-1.0
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
COMMON-MODE VOLTAGE (V)
Offset Voltage
vs. Common-Mode Voltage
-40°C
85°C
25°C
V± = ±1.35V
-1.0
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
-2.5 -2 -1.5 -1 -0.5 0 0.5 1 1.5 2 2.5
COMMON-MODE VOLTAGE (V)
Offset Voltage
vs. Common-Mode Voltage
85°C
25°C
-40°C
V± = ±2.5V
0
3
6
9
12
15
18
21
24
27
30
33
0.9 1.1 1.3 1.5 1.7 1.9 2.1 2.3 2.5
SUPPPLY VOLTAGE (V)
Short Circuit Current
vs. Supply Voltage
85°C
25°C
-40°C
Sourcing
0
4
8
12
16
20
24
28
32
36
40
44
SUPPLY VOLTAGE (±V)
Short Circuit Current vs.
Supply Voltage
85°C
25°C
-40°C
Sinking
0
0.135
0.27
0.405
0.54
0.675
0.81
0.945
1.08
1.215
1.35
0-1 -2-3-4-5-6-7-8-9 -10
OUTPUT CURRENT (mA)
Output Voltage
vs. Output Current
85°C
25°C
-40°C
Sourcing
V± = ±1.35V
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
0-3 -6-9 -12-15-18-21-24-27-30
OUTPUT CURRENT (mA)
Output Voltage
vs. Output Current
85°C
–40°C
25°C
Sourcing
-1.350
-1.215
-1.080
-0.945
-0.810
-0.675
-0.540
-0.405
-0.270
-0.135
0
0.135
0123456789 10
OUTPTU CURRENT (mA)
Output Voltage
vs. Output Current
–40°C
85°C
25°C
Sinking
V± = ±1.35V
-2.5
-2.25
-2
-1.75
-1.5
-1.25
-1
-0.75
-0.5
-0.25
0
0.25
048 12 16 20 24 28 32 36 40
OUTPUT CURRENT (mA)
Output Voltage
vs. Output Current
–40°C
85°C
25°C
Sinking
V± = ±2.5V
-6
-1
4
9
14
19
24
29
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
Short Circuit Current
vs. Temperature
V± = ±2.5V
V± = ±1.35V
Sinking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com