Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC863 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC863
Description  Dual Ultra Low Power Op Amp in SOT23-8
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC863 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC863 Datasheet HTML 1Page - Micrel Semiconductor MIC863 Datasheet HTML 2Page - Micrel Semiconductor MIC863 Datasheet HTML 3Page - Micrel Semiconductor MIC863 Datasheet HTML 4Page - Micrel Semiconductor MIC863 Datasheet HTML 5Page - Micrel Semiconductor MIC863 Datasheet HTML 6Page - Micrel Semiconductor MIC863 Datasheet HTML 7Page - Micrel Semiconductor MIC863 Datasheet HTML 8Page - Micrel Semiconductor MIC863 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
January 2005
3
MIC863
MIC863
Micrel
Absolute Maximum Ratings (Note 1)
Supply Voltage (V
V+ – V–) ......................................... +6.0V
Differential Input Voltage (VIN+ – VIN–), Note 4......+6.0V
Input Voltage (V
IN+ – VIN–) .................. V+ + 0.3V, V–0.3V
Lead Temperature (soldering, 5 sec.) ....................... 260°C
Output Short Circuit Current Duration .................. Indefinite
Storage Temperature (T
S) ........................................ 150°C
ESD Rating, Note 3
Operating Ratings (Note 2)
Supply Voltage (V+ – V–) .......................... +2.0V to +5.25V
Ambient Temperature Range ..................... –40°C to +85°C
Package Thermal Resistance
θJA (Using 4 layer PCB)................................. 100°C/W
θCA(Using 4 layer PCB) ................................... 70°C/W
Electrical Characteristics
V+ = +2V, V– = 0V, V
CM = V+/2; RL= 500kΩ to V+/2; TA= 25°C, unless otherwise noted. Bold values indicate –40°C≤ TA≤ +85°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
OS
Input Offset Voltage
–6
0.1
6
mV
–5
5
Differential Offset Voltage
0.5
mV
Input Offset Voltage Temp Coefficient
6
µV/°C
I
B
Input Bias Current
10
pA
I
OS
Input Offset Current
5pA
V
CM
Input Voltage Range
CMRR > 50dB
0.5
1V
CMRR
Common-Mode Rejection Ratio
0 < V
CM < 1V
45
75
dB
PSRR
Power Supply Rejection Ratio
Supply voltage change of 2V to 2.7V
50
85
dB
A
VOL
Large-Signal Voltage Gain
R
L = 100kΩ, VOUT 1.4VPP
66
81
dB
R
L = 500kΩ, VOUT 1.4VPP
73
90
dB
V
OUT
Maximum Output Voltage Swing
R
L = 500kΩ
V+–3mV V+–1.4mV
V
V
OUT
Minimum Output Voltage Swing
R
L = 500kΩ
V–+0.5mV V–+ 3mV
V
GBW
Gain-Bandwidth Product
R
L = 200kΩ, CL = 2pF, Av = 11
320
kHz
PM
Phase Margin
R
L = 200kΩ, CL = 2pF, Av = 11
69
°
BW
–3dB Bandwidth
A
V = 1, CL = 2pF, RL = 1MΩ
600
kHz
SR
Slew Rate
A
V = 1, CL = 2pF, RL = 1MΩ,
0.33
V/µs
Positive Slew Rate = 0.17V/µs
I
SC
Short-Circuit Output Current
Source
1.8
2.6
mA
Sink
1.5
2.2
mA
I
S
Supply Current (per Op Amp)
No Load
3.5
7
µA
Channel to Channel Crosstalk
Note 5
-100
dB
V+ = +2.7V, V– = 0V, V
CM = V+/2; RL= 500kΩ to V+/2; TA= 25°C, unless otherwise noted. Bold values indicate –40°C≤ TA≤ +85°C.
V
OS
Input Offset Voltage
–6
0.1
6
mV
–5
5
Differential Offset Voltage
0.5
mV
Input Offset Voltage Temp Coefficient
6
µV/°C
I
B
Input Bias Current
10
pA
I
OS
Input Offset Current
5pA
V
CM
Input Voltage Range
CMRR > 60dB
1
1.8
V
CMRR
Common-Mode Rejection Ratio
0 < V
CM < 1.35V
60
83
dB
PSRR
Power Supply Rejection Ratio
Supply voltage change from 2.7V to 3V
55
85
dB
A
VOL
Large-Signal Voltage Gain
R
L = 100k, VOUT 2VPP
70
83
dB
R
L = 500k, VOUT 2VPP
78
91
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com