Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC863 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC863
Description  Dual Ultra Low Power Op Amp in SOT23-8
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC863 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC863 Datasheet HTML 3Page - Micrel Semiconductor MIC863 Datasheet HTML 4Page - Micrel Semiconductor MIC863 Datasheet HTML 5Page - Micrel Semiconductor MIC863 Datasheet HTML 6Page - Micrel Semiconductor MIC863 Datasheet HTML 7Page - Micrel Semiconductor MIC863 Datasheet HTML 8Page - Micrel Semiconductor MIC863 Datasheet HTML 9Page - Micrel Semiconductor MIC863 Datasheet HTML 10Page - Micrel Semiconductor MIC863 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
January 2005
7
MIC863
MIC863
Micrel
AC Perfomance Characteristics
-50
-40
-30
-20
-10
0
10
20
30
40
50
FREQUENCY (Hz)
Gain Bandwidth
and Phase Margin
100k
1k
10k
1M
-225
-180
-135
-90
-45
0
45
90
135
180
225
Av = 11
V± = ±1.35V
C
L = 2pF
R
F = 200kΩ
R
L = 1MΩ
-50
-40
-30
-20
-10
0
10
20
30
40
50
FREQUENCY (Hz)
Gain Bandwidth
and Phase Margin
100k
1k
10k
1M
-225
-180
-135
-90
-45
0
45
90
135
180
225
Av = 11
V± = ±2.5V
C
L = 2pF
R
F = 200kΩ
R
L = 1MΩ
-25
-20
-15
-10
-5
0
5
10
15
20
25
FREQUENCY (Hz)
Gain Bandwidth
Frequency Response
100k
1k
10k
1M
-225
-180
-135
-90
-45
0
45
90
135
180
225
Av = 2
V± = ±2.5V
C
L = 2pF
R
F = 20kΩ
R
L = 1MΩ
-25
-20
-15
-10
-5
0
5
10
15
20
25
FREQUENCY (Hz)
Gain Bandwidth
Frequency Response
100k
1k
10k
1M
-225
-180
-135
-90
-45
0
45
90
135
180
225
Av = 2
V± = ±1.35V
C
L = 2pF
R
F = 20kΩ
R
L = 1MΩ
-30
-25
-20
-15
-10
-5
0
5
10
15
20
FREQUENCY (Hz)
Unity Gain
Frequency Response
100k
1k
10k
1M
-225
-180
-135
-90
-45
0
45
90
135
180
225
Av = 1
V± = ±2.5V
C
L = 2pF
R
L = 1MΩ
-30
-25
-20
-15
-10
-5
0
5
10
15
20
FREQUENCY (Hz)
Unity Gain
Frequency Response
100k
1k
10k
1M
-225
-180
-135
-90
-45
0
45
90
135
180
225
Av = 1
V± = ±1.35V
C
L = 2pF
R
L = 1MΩ
0
50
100
150
200
250
300
350
400
450
500
110
100
1000
CAPACITIVE LOAD (pF)
Gain Bandwidth and Phase
Margin vs. Capacitive Load
Phase Margin
V± = ±2.5V
Gain Bandwidth
0
10
20
30
40
50
60
70
80
C
L
RF
FET Probe
V+
V—
-12
-9
-6
-3
0
3
6
9
12
15
18
FREQUENCY (Hz)
Close Loop Unity Gain
Frequency Response
100k
1k
10k
1M
Av = 1
V± = ±2.5V
1µF
0.1µF
0.01µF
1000pF
100pF
2pF
100
-12
-9
-6
-3
0
3
6
9
12
15
18
FREQUENCY (Hz)
Close Loop Unity Gain
Frequency Response
100k
1k
10k
1M
Av = 1
V± = ±1.35V
1µF
0.1µF
0.01µF
1000pF
100pF
2pF
100
-50
-40
-30
-20
-10
0
10
20
30
40
50
FREQUENCY
Gain Bandwidth
and Phase Margin
-225
-180
-135
-90
-45
0
45
90
135
180
225
1k
10k
100k
1M
Av = 11
V+ = +1.5V
V– = –0.5V
C
L = 2.0pF
R
F = 200kΩ
R
L = 1MΩ
-30
-25
-20
-15
-10
-5
0
5
10
15
20
FREQUENCY
Unity Bandwidth
Frequency Response
-270
-225
-180
-135
-90
-45
0
45
90
135
180
1k
10k
100k
1M
Av = 1
V+ = +1.5V
V– = –0.5V
C
L = 1.7pF
R
L = 1MΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com