Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD100MC0MP Datasheet(PDF) 1 Page - Sharp Corporation

Part # PD100MC0MP
Description  Surface Mount Type, Transparent Resin Photodiode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PD100MC0MP Datasheet(HTML) 1 Page - Sharp Corporation

  PD100MC0MP Datasheet HTML 1Page - Sharp Corporation PD100MC0MP Datasheet HTML 2Page - Sharp Corporation PD100MC0MP Datasheet HTML 3Page - Sharp Corporation PD100MC0MP Datasheet HTML 4Page - Sharp Corporation PD100MC0MP Datasheet HTML 5Page - Sharp Corporation PD100MC0MP Datasheet HTML 6Page - Sharp Corporation PD100MC0MP Datasheet HTML 7Page - Sharp Corporation PD100MC0MP Datasheet HTML 8Page - Sharp Corporation PD100MC0MP Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Sheet No.: D1-A00201EN
Date: November 30, 2007
©SHARP Corporation
PD100MC0MPx
PD100MC0MPx
Surface Mount Type, Transparent
Resin Photodiode
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
■ Features
1.
Compact and thin SMD package
2.
Top view and side view mountable
3.
Plastic mold with resin lens
4.
Peak sensitivity wavelength: 820 nm TYP.
5.
Narrow directivity angle (
Δθ: ±20° TYP.)
6.
Lead free and RoHS directive compliant
■ Model Line-up
■ Agency Approvals/Compliance
1.
Compliant with RoHS directive (2002/95/EC)
2.
Content information about the six substances
specified in “Management Methods for Control of
Pollution Caused by Electronic Information Prod-
ucts Regulation” (popular name: China RoHS)
(Chinese:
);
refer to page 6.
■ Applications
1.
Office automation equipment
2.
Audio visual equipment
3.
Home appliances
4.
Telecommunication equipment
5.
Measuring equipment
6.
Tooling machines/Factory automation
7.
Touch Panels
Model No.
Packaging
Mount Direction
PD100MC0MP
2000 pcs/reel
Side view
PD100MC0MP1
1500 pcs/reel
Top view


Similar Part No. - PD100MC0MP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PD100MF0MP SHARP-PD100MF0MP Datasheet
519Kb / 10P
Surface Mount Type, Opaque Resin Photodiode
PD100MF0MP1 SHARP-PD100MF0MP1 Datasheet
519Kb / 10P
Surface Mount Type, Opaque Resin Photodiode
More results

Similar Description - PD100MC0MP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PD100MF0MP SHARP-PD100MF0MP Datasheet
519Kb / 10P
Surface Mount Type, Opaque Resin Photodiode
PT100MC0MP SHARP-PT100MC0MP Datasheet
782Kb / 11P
Surface Mount Type, Transparent Resin Phototransistor
PT100MF0MP SHARP-PT100MF0MP Datasheet
822Kb / 11P
Surface Mount Type, Opaque Resin Phototransistor
logo
STANLEY ELECTRIC CO.,LT...
PP1191FB STANLEY-PP1191FB Datasheet
208Kb / 9P
Surface Mount PIN Photodiode/Side Viewing Type
logo
OptoDiode Corp
ODD-900-002 OPTODIODE-ODD-900-002 Datasheet
310Kb / 2P
SURFACE MOUNT PHOTODIODE
ODD-900-002 OPTODIODE-ODD-900-002_15 Datasheet
515Kb / 4P
SURFACE MOUNT PHOTODIODE
logo
Luna Innovations Incorp...
SD040-111-411 LUNA-SD040-111-411 Datasheet
162Kb / 2P
Surface-Mount Photodiode Assembly
NS5112 LUNA-NS5112 Datasheet
70Kb / 2P
Surface Mount Photodiode
SD012-UVB-005 LUNA-SD012-UVB-005 Datasheet
183Kb / 3P
Surface Mount AlGaN Photodiode
logo
Rohm
SMLEN3EC8TT86 ROHM-SMLEN3EC8TT86 Datasheet
1Mb / 17P
Green Surface Mount Chip LEDs featuring InGaN packed with transparent colorless resin.
2022.8 - Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com