Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD100MC0MP Datasheet(PDF) 5 Page - Sharp Corporation

Part # PD100MC0MP
Description  Surface Mount Type, Transparent Resin Photodiode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PD100MC0MP Datasheet(HTML) 5 Page - Sharp Corporation

  PD100MC0MP Datasheet HTML 1Page - Sharp Corporation PD100MC0MP Datasheet HTML 2Page - Sharp Corporation PD100MC0MP Datasheet HTML 3Page - Sharp Corporation PD100MC0MP Datasheet HTML 4Page - Sharp Corporation PD100MC0MP Datasheet HTML 5Page - Sharp Corporation PD100MC0MP Datasheet HTML 6Page - Sharp Corporation PD100MC0MP Datasheet HTML 7Page - Sharp Corporation PD100MC0MP Datasheet HTML 8Page - Sharp Corporation PD100MC0MP Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Sheet No.: D1-A00201EN
5
PD100MC0MPx
Cleaning Instructions
1.
Confirm this device's resistance to process chemicals before use, as certain process chemicals may affect the
optical characteristics.
2.
Solvent cleaning: Solvent temperature should be 45°C or below. Immersion time should be 3 minutes or less.
3.
Ultrasonic cleaning: The effect upon devices varies due to cleaning bath size, ultrasonic power output, cleaning
time, PCB size and device mounting circumstances. Sharp recommends testing using actual production condi-
tions to confirm the harmlessness of the ultrasonic cleaning methods.
4.
Recommended solvent materials: Ethyl alcohol, Methyl alcohol, and Isopropyl alcohol.
Storage and Handling
1.
Store these parts between 5°C and 30°C, at a relative humidity of less than 70%.
2.
After breaking the package seal, maintain the environment within 5°C to 25°C, at a relative humidity of less than
60%, and mount the parts within two days.
3.
When storing the parts after breaking the seal, Sharp recommends storage of no longer than two weeks in a dry
box or by resealing the parts in a moisture-proof bag with a desiccant. If unable to do so, bake before mounting.
4.
When baking the parts before mounting, Sharp recommends baking the parts only once and only if in a metal
tray or mounted on a PCB. Recommended conditions are for 16 to 24 hours, at a temperature of 125°C.
Fig. 4 Reflow Soldering Temperature Profile
200°C
25°C
240°C MAX.
120s MAX.
90s MAX.
60s MAX.
10s MAX.
165°C MAX.
1 to 4°C/s
1 to 4°C/s
1 to 4°C/s



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com