Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD100MC0MP Datasheet(PDF) 4 Page - Sharp Corporation

Part # PD100MC0MP
Description  Surface Mount Type, Transparent Resin Photodiode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PD100MC0MP Datasheet(HTML) 4 Page - Sharp Corporation

  PD100MC0MP Datasheet HTML 1Page - Sharp Corporation PD100MC0MP Datasheet HTML 2Page - Sharp Corporation PD100MC0MP Datasheet HTML 3Page - Sharp Corporation PD100MC0MP Datasheet HTML 4Page - Sharp Corporation PD100MC0MP Datasheet HTML 5Page - Sharp Corporation PD100MC0MP Datasheet HTML 6Page - Sharp Corporation PD100MC0MP Datasheet HTML 7Page - Sharp Corporation PD100MC0MP Datasheet HTML 8Page - Sharp Corporation PD100MC0MP Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Sheet No.: D1-A00201EN
4
PD100MC0MPx
■ Design Considerations
Design Guidelines
1.
This product is not designed to be electromagnetic- and ionized-particle-radiation resistant.
■ Manufacturing Guidelines
Soldering Instructions
1.
Sharp recommends soldering no more than once when using solder reflow methods.
2.
When using solder reflow methods, follow the reflow soldering temperature profile shown in Fig. 4. Sharp rec-
ommends checking the process to make sure these parameters are not exceeded; exceeding these parameters
can cause substrate bending or other mechanical stresses leading to debonding of the internal gold wires, or
other similar failure modes.
3.
If using an infrared lamp to preheat the parts, such heat sources may cause localized high temperatures in the
part's resin. Be sure to keep the temperature profile within the guidelines shown in Fig. 4.
4.
If hand soldering, use temperatures
≤260° for ≤3 seconds. Do not dip-solder or VPS-solder this part.
5.
Do not subject the package to excessive mechanical force during soldering as it may cause deformation or
defects in plated connections. Internal connections may be severed due to mechanical force placed on the pack-
age due to the PCB flexing during the soldering process.
Fig. 3 Radiation Diagram (TYP.)
-30°
-40°
-50°
-60°
-70°
-80°
-90°
+30°
+40°
+50°
+60°
+70°
+80°
+90°
Cathode
Anode
-90°
+90°
0°
0
20
40
60
80
100
Angle
θ
-20°
-10°
0°
+10°
+20°
Ta = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com