Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3003 Datasheet(PDF) 54 Page - Micrel Semiconductor

Part # MIC3003
Description  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003 Datasheet(HTML) 54 Page - Micrel Semiconductor

Back Button MIC3003 Datasheet HTML 50Page - Micrel Semiconductor MIC3003 Datasheet HTML 51Page - Micrel Semiconductor MIC3003 Datasheet HTML 52Page - Micrel Semiconductor MIC3003 Datasheet HTML 53Page - Micrel Semiconductor MIC3003 Datasheet HTML 54Page - Micrel Semiconductor MIC3003 Datasheet HTML 55Page - Micrel Semiconductor MIC3003 Datasheet HTML 56Page - Micrel Semiconductor MIC3003 Datasheet HTML 57Page - Micrel Semiconductor MIC3003 Datasheet HTML 58Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
54
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
User Control Register (USRCTL)
D[7]
Reserved
read/write
D[6]
PORM
read/write
D[5]
PORS
read/write
D[4]
IE
read/write
D[3]
APCSEL
read/write
D[2]
APCSEL
read/write
D[1]
APCSEL
read/write
D[0]
MODSEL
read/write
Default value
0010 0000b = 20h
Serial address
A2h
Byte address
254 = FEh
This register provides for control of the nominal APC setpoint and management of interrupts by the end-user. APCSEL[1:0]
select which of the APC setpoint registers, APCSET0, APCSET1, or APCSET2 are used as the nominal automatic power
control setpoint. Similarly, MODSEL[1:0] select which of MODSET0, MODSET1, or MODSET2 are used to select the
modulation level of the laser.
IE must be set for any host interrupts to occur via the /INT pin. If IE is set while /INT is asserted, /INT will be deasserted
immediately.
PORS is always set high by any power-on reset event. If PORM is high, the power-on event will also generate a host interrupt.
PORS will be cleared to zero and the interrupt output deasserted when USRCTL is read by the host.
If PORM is set following the setting of PORS, PORS will remain set, and /INT will be asserted immediately. /INT will not be
deasserted until USRCTL is read by the host.
PORM, IE, APCSEL, and MODSEL are non-volatile and will be maintained through power and reset cycles.
Bit(s)
Function
Operation
D[7]
Reserved
Always write as zero; reads undefined.
D[6]
PORM
Power-on interrupt mask
1 = POR interrupts mask enabled
0 = POR interrupts mask disabled
D[5]
PORS
Power-on interrupt flag
1 = POR interrupt occurred
0 = No POR interrupt
D[4]
IE
Global interrupt enable
1 = Host interrupts are enabled
0 = Host interrupts are disabled
D[3:2]
APCSEL
Selects APC setpoint register
00 = APCSET0
01 = APCSET1
10 = APCSET2
11 = Reserved
D[1:0]
MODSEL
Selects Modulation setpoint register
00 = MODSET0
01 = MODSET1
10 = MODSET2
11 = Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com