Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3003 Datasheet(PDF) 16 Page - Micrel Semiconductor

Part # MIC3003
Description  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003 Datasheet(HTML) 16 Page - Micrel Semiconductor

Back Button MIC3003 Datasheet HTML 12Page - Micrel Semiconductor MIC3003 Datasheet HTML 13Page - Micrel Semiconductor MIC3003 Datasheet HTML 14Page - Micrel Semiconductor MIC3003 Datasheet HTML 15Page - Micrel Semiconductor MIC3003 Datasheet HTML 16Page - Micrel Semiconductor MIC3003 Datasheet HTML 17Page - Micrel Semiconductor MIC3003 Datasheet HTML 18Page - Micrel Semiconductor MIC3003 Datasheet HTML 19Page - Micrel Semiconductor MIC3003 Datasheet HTML 20Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
16
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
Address(s)
Hex
Dec
Field Size
(Bytes)
Name
Description
00-3F
0-63
64
BIASLUT1
First 64 entries of the bias current temperature compensation LUT (Look-
up Table) The additional 12 entries are located in A6: 58h – 63h.
40-7F
64-127
64
MODLUT1
First 64 entries of the modulation current temperature compensation
LUT. The additional 12 entries are located in A6:.64h – 6Fh.
80-BF
128-191
64
IFTLUT1
First 64 entries of the bias current fault threshold temperature
compensation LUT. The additional 12 entries are located in A6: 70h -
7Bh.
C0-FF
192-255
64
HATLUT1
First 64 entries of the bias current high alarm threshold temperature
compensation LUT. The additional 12 entries are located in A6: 7C-87h.
Table 3. MIC3003 Serial Interface Address Map (Temperature Compensation Tables), Device Address = A4h
Address(s)
Hex
Dec
Field Size
(Bytes)
Name
Description
00
0
1
OEMCFG0
OEM configuration register 0
01
1
1
OEMCFG1
OEM configuration register 1
02
2
1
OEMCFG2
OEM configuration register 2
03
3
1
APCSET0
APC setpoint register 0
04
4
1
APCSET1
APC setpoint register 1
05
5
1
APCSET2
APC setpoint register 2
06
6
1
MODSET0
Modulation setpoint register 0
07
7
1
IBFLT
Bias current fault-comparator threshold. This register is temperature
compensated.
08
8
1
TXPFLT
TX power fault threshold
09
9
1
LOSFLT
RX LOS fault-comparator threshold
0A
10
1
FLTTMR
Fault comparator timer setting
0B
11
1
FLTMSK
Fault source mask bits
0C-0F
12-15
4
OEMPWSET
Password for access to OEM areas
10
16
1
OEMCAL0
OEM calibration register 0
11
17
1
OEMCAL1
OEM calibration register 1
12
18
1
LUTINDX
Look-up table index read-back
13
19
1
OEMCFG3
OEM configuration register 3
14
20
1
APCDAC
Reads back current APC DAC value (setpoint+offset)
15
21
1
MODDAC
Reads back current modulation DAC value (setpoint+offset)
16
22
1
OEMREAD
Reads back OEM calibration data
17
23
1
LOSFLTn
LOS deassert threshold
18
24
1
RXPOT
RXPOT tap selection
19
25
1
OEMCFG4
OEM configuration register 4
1A
26
1
OEMCFG5
OEM configuration register 5
1B
27
1
OEMCFG6
OEM configuration register 6
1C-1D
28-29
2
SCRATCH
Reserved – do not write; reads undefined.
1E
30
1
MODSET 1
Modulation setpoint register 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com