Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3003 Datasheet(PDF) 38 Page - Micrel Semiconductor

Part # MIC3003
Description  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003 Datasheet(HTML) 38 Page - Micrel Semiconductor

Back Button MIC3003 Datasheet HTML 34Page - Micrel Semiconductor MIC3003 Datasheet HTML 35Page - Micrel Semiconductor MIC3003 Datasheet HTML 36Page - Micrel Semiconductor MIC3003 Datasheet HTML 37Page - Micrel Semiconductor MIC3003 Datasheet HTML 38Page - Micrel Semiconductor MIC3003 Datasheet HTML 39Page - Micrel Semiconductor MIC3003 Datasheet HTML 40Page - Micrel Semiconductor MIC3003 Datasheet HTML 41Page - Micrel Semiconductor MIC3003 Datasheet HTML 42Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
38
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
Serial Port Operation
The MIC3003 uses standard write byte, read byte, and
read word operations for communication with its host. It
also supports block write and block read transactions.
The write byte operation involves sending the devices
address (with the R/W bit low to signal a write operation),
followed by the address of the register to be operated
upon and the data byte. The read byte operation is a
composite write and read operation: the host first sends
the devices address followed by the register address, as
in a write operation. A new start bit must then be sent to
the MIC3003, followed by a repeat of the device address
with the R/W bit (LSB) set to the high (read) state. The
data to be read from the part may then be clocked out. A
read word is similar, but two successive data bytes are
clocked out rather than one. These protocols are shown
in Figures 21 to 24.
The MIC3003 will respond to up to four sequential device
addresses depending upon whether it is in OEM or User
mode. A match between one of the MIC3003’s addresses
and the address specified in the serial bit stream must be
made to initiate communication. The MIC3003 responds
to device addresses A0h and A2h in User Mode; it also
responds to A4h and A6h in OEM Mode (assuming the
base address is A0h).
Block Writes
To increase the speed of block writes, the MIC3003 allows
up to eight consecutive bytes to be written before the
internal memory update begins.
The block write sequence begins just like a write byte
operation with the host sending the device address, R/W bit
low, register address, etc. After the first data byte is sent
the host will receive an acknowledge. Up to seven more
bytes can be sent in sequence. The MIC3003 will
acknowledge each one and increment its internal address
register in anticipation of the next byte. After the last byte is
sent, the host issues a STOP. The MIC3003’s internal write
process then begins.
Block writes of up to eight bytes can begin and end at any
byte address without restriction. Block writes that increment
over register address FFh will simply “wrap around” and
continue at address 00h within the same device address
space.
To accelerate calibration and testing, NVRAM write cycles
can be disabled completely by setting the WRINH bit in
OEMCAL0. Writes to registers that do not have NVRAM
backup, will not incur write-cycle delays when writes are
inhibited. Write operations on registers that exist only in
NVRAM will still incur write cycle delays.
Figure 21. Write Byte Protocol
Figure 22. Read Byte Protocol
Figure 23. Read_Word Protocol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com