Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF008 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MICRF008
Description  QwikRadio Sweep-Mode Receiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF008 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MICRF008 Datasheet HTML 1Page - Micrel Semiconductor MICRF008 Datasheet HTML 2Page - Micrel Semiconductor MICRF008 Datasheet HTML 3Page - Micrel Semiconductor MICRF008 Datasheet HTML 4Page - Micrel Semiconductor MICRF008 Datasheet HTML 5Page - Micrel Semiconductor MICRF008 Datasheet HTML 6Page - Micrel Semiconductor MICRF008 Datasheet HTML 7Page - Micrel Semiconductor MICRF008 Datasheet HTML 8Page - Micrel Semiconductor MICRF008 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MICRF008
QwikRadio® Sweep-Mode Receiver
QwikRadio is a registered trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
August 2008
M9999-080108
General Description
The MICRF008 QwikRadio
® UHF receiver is a single-chip
OOK (on-off keyed) receiver IC designed for remote
wireless applications. This device is a true single-chip,
“antenna-in, data-out” device, and it is easy to implement.
MICRF008 receiver requires very few peripheral passive
components. All tunings, RF and IF, are accomplished
within the IC. Ease of use and minimal parts count
translate to cost savings and shorter time to market.
MICRF008 receiver offers a robust and low-cost solution
for high volume wireless applications.
The MICRF008 sweeps the internal local oscillator at rates
greater than the baseband data rate. This effectively
broadens the RF bandwidth of the receiver to a value
equivalent to conventional superregenerative receivers.
This allows the MICRF008 to operate with less expensive
LC transmitters without additional components or tuning,
even though the receiver topology is still superheterodyne.
In this mode the reference crystal can be replaced with a
less expensive ±0.5% ceramic resonator.
Since all post-detection (demodulator) data filtering is
provided on the MICRF008, no external IF filters are
required. One of the two internal filter bandwidths must be
externally selected based on data rate and code
modulation format.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
Complete UHF receiver on a monolithic chip
300MHz to 440MHz frequency range
Up to 4.8kbps data rate.
Automatic tuning, no manual adjustment
Very low RF antenna reradiation
CMOS logic interface for standard ICs
Low external part count
Replaces superregenerative receivers design
Manufacturability and same performance over the years
Very small PCB area required
Applications
Garage door and gate openers
Security systems
Remote appliances control
Toys
Fan and light control
_________________________________________________________________________________________________________
Typical Application
SEL0
VSS
REFOSC
ANT
CAGC
VDD
CTH
DO
C3
0.1µF
C1
1.8pF
L1
33nH
C4
2.2µF
U1
MICRF008YM
+5V
C2
4.7µF
Y1
3.36MHz
ANT1
1/8 Monopole
80mm
1
2
3
4
8
7
6
5
433.92MHz Receiver


Similar Part No. - MICRF008

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF008 MICREL-MICRF008 Datasheet
115Kb / 12P
QwikRadio??Sweep-Mode Receiver
MICRF008BM MICREL-MICRF008BM Datasheet
115Kb / 12P
QwikRadio??Sweep-Mode Receiver
More results

Similar Description - MICRF008

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF004 MICREL-MICRF004 Datasheet
94Kb / 16P
QwikRadio??Low-Power VHF Receiver Advance Information
MICRF008 MICREL-MICRF008 Datasheet
115Kb / 12P
QwikRadio??Sweep-Mode Receiver
MICRF007 MICREL-MICRF007 Datasheet
96Kb / 16P
QwikRadio Low-Power UHF Receiver
MICRF009 MICREL-MICRF009 Datasheet
1Mb / 16P
QwikRadio Low-Power UHF Receiver
MICRF010 MICREL-MICRF010 Datasheet
364Kb / 14P
QwikRadio Low-Power UHF Receiver
MICRF002 MICREL-MICRF002_03 Datasheet
180Kb / 16P
300-440MHz QwikRadio?줐SK Receiver
MICRF213 MICREL-MICRF213_11 Datasheet
975Kb / 16P
3.3V, QwikRadio 315MHz Receiver
MICRF221 MICREL-MICRF221 Datasheet
1Mb / 26P
3.3V, QwikRadio 850 MHz to 950 MHz Receiver
MICRF102 MICREL-MICRF102_06 Datasheet
317Kb / 12P
QwikRadio??UHF ASK Transmitter
logo
MPS Industries, Inc.
PRECIUM MPSIND-PRECIUM Datasheet
28Kb / 1P
PRECIUM SWEEP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com