Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR33MF51NIPF Datasheet(PDF) 2 Page - Sharp Corporation

Part # PR33MF51NIPF
Description  Non-Zero Cross type DIP 8pin Triac output SSR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PR33MF51NIPF Datasheet(HTML) 2 Page - Sharp Corporation

  PR33MF51NIPF Datasheet HTML 1Page - Sharp Corporation PR33MF51NIPF Datasheet HTML 2Page - Sharp Corporation PR33MF51NIPF Datasheet HTML 3Page - Sharp Corporation PR33MF51NIPF Datasheet HTML 4Page - Sharp Corporation PR33MF51NIPF Datasheet HTML 5Page - Sharp Corporation PR33MF51NIPF Datasheet HTML 6Page - Sharp Corporation PR33MF51NIPF Datasheet HTML 7Page - Sharp Corporation PR33MF51NIPF Datasheet HTML 8Page - Sharp Corporation PR33MF51NIPF Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Sheet No.: D4-A03901EN
PR33MF51NSZF Series
■ Internal Connection Diagram
■ Outline Dimensions
(Unit : mm)
Product mass : approx. 0.56g
1
6
8
1
2
3
4
5
2
3
4
Cathode
Anode
Cathode
Cathode
5
6
8
Gate
Output (T1)
Output (T2)
1. Through-Hole [ex. PR33MF51NSZF]
2.54±
0.25
8
6
5
1.05±
0.20
1.2±
0.3
9.66±
0.50
0.5±
0.1
1
2
3
4
θ
θ
θ : 0 to 13˚
7.62±
0.30
0.26±
0.10
Epoxy resin
R33MF5
Anode
mark
Date code (2 digit)
Rank mark
Factory identification mark
SHARP
mark
"S"
CSA mark
Model No.
Product mass : approx. 0.54g
2. SMT Gullwing Lead-Form [ex. PR33MF51NIPF]
Product mass : approx. 0.56g
Product mass : approx. 0.54g
3. Through-Hole VDE option
[ex. PR33MF51YSZF]
4. SMT Gullwing Lead-Form VDE option
[ex. PR33MF51YIPF]
8
6
5
2.54±
0.25
1.0+
0.4
−0
Epoxy resin
10.0+
0
−0.5
1.0+
0.4
−0
7.62±
0.30
9.66±
0.50
4
1
2
3
R33MF5
Anode
mark
Date code (2 digit)
Rank mark
Factory identification mark
SHARP
mark
"S"
CSA mark
Model No.
1.05±
0.20
1.2±
0.3
2.54±
0.25
8
6
5
1.05±
0.20
1.2±
0.3
9.66±
0.50
0.5±
0.1
1
2
3
4
θ
θ
θ : 0 to 13˚
7.62±
0.30
0.26±
0.10
Epoxy resin
R33MF5
Anode
mark
Date code (2 digit)
Rank mark
Factory identification mark
SHARP
mark
"S"
CSA mark
Model No.
4
VDE identification mark
8
2.54±
0.25
1.0+
0.4
−0
Epoxy resin
10.0+
0
−0.5
1.0+
0.4
−0
7.62±
0.30
9.66±
0.50
4
1
2
3
1.05±
0.20
1.2±
0.3
6
5
R33MF1
Anode
mark
Date code (2 digit)
Rank mark
Factory identification mark
SHARP
mark
"S"
CSA mark
Model No.
4
VDE identification mark
Plating material : SnCu (Cu : TYP. 2%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com