Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR33MF51NIPF Datasheet(PDF) 5 Page - Sharp Corporation

Part # PR33MF51NIPF
Description  Non-Zero Cross type DIP 8pin Triac output SSR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PR33MF51NIPF Datasheet(HTML) 5 Page - Sharp Corporation

  PR33MF51NIPF Datasheet HTML 1Page - Sharp Corporation PR33MF51NIPF Datasheet HTML 2Page - Sharp Corporation PR33MF51NIPF Datasheet HTML 3Page - Sharp Corporation PR33MF51NIPF Datasheet HTML 4Page - Sharp Corporation PR33MF51NIPF Datasheet HTML 5Page - Sharp Corporation PR33MF51NIPF Datasheet HTML 6Page - Sharp Corporation PR33MF51NIPF Datasheet HTML 7Page - Sharp Corporation PR33MF51NIPF Datasheet HTML 8Page - Sharp Corporation PR33MF51NIPF Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
Sheet No.: D4-A03901EN
PR33MF51NSZF Series
■ Model Line-up
Lead Form
Through-Hole
SMT Gullwing
VDRM
[V]
Rank
mark
IFT[mA]
(VD=6V,
RL=100Ω)
Shipping
Package
Sleeve
Taping
50 pcs/sleeve
1 000 pcs/reel
DIN
EN60747-5-2
−
Approved
−
Approved
Model No.
PR33MF51NSZF PR33MF51YSZF PR33MF51NIPF PR33MF51YIPF
600
1
MAX.10
Please contact a local SHARP sales representative to inquire about production status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com