Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR33MF51NIPF Datasheet(PDF) 3 Page - Sharp Corporation

Part # PR33MF51NIPF
Description  Non-Zero Cross type DIP 8pin Triac output SSR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PR33MF51NIPF Datasheet(HTML) 3 Page - Sharp Corporation

  PR33MF51NIPF Datasheet HTML 1Page - Sharp Corporation PR33MF51NIPF Datasheet HTML 2Page - Sharp Corporation PR33MF51NIPF Datasheet HTML 3Page - Sharp Corporation PR33MF51NIPF Datasheet HTML 4Page - Sharp Corporation PR33MF51NIPF Datasheet HTML 5Page - Sharp Corporation PR33MF51NIPF Datasheet HTML 6Page - Sharp Corporation PR33MF51NIPF Datasheet HTML 7Page - Sharp Corporation PR33MF51NIPF Datasheet HTML 8Page - Sharp Corporation PR33MF51NIPF Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Sheet No.: D4-A03901EN
PR33MF51NSZF Series
repeats in a 20 year cycle
Rank mark
Please refer to the Model Line-up table.
1st digit
2nd digit
Year of production
Month of production
A.D.
Mark
A.D.
Mark
Month
Mark
1990
A
2002
P
January
1
1991
B
2003
R
February
2
1992
C
2004
S
March
3
1993
D
2005
T
April
4
1994
E
2006
U
May
5
1995
F
2007
V
June
6
1996
H
2008
W
July
7
1997
J
2009
X
August
8
1998
K
2010
A
September
9
1999
L
2011
B
October
O
2000
M
2012
C
November
N
2001
N
:
:
December
D
Date code (2 digit)
Factory identification Mark
Country of origin
no mark
Japan
* This factory marking is for identification purpose only.
Please contact the local SHARP sales representative to see the actural status of the
production.
Factory identification mark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com