Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR33MF51YIPF Datasheet(PDF) 12 Page - Sharp Corporation

Part # PR33MF51YIPF
Description  Non-Zero Cross type DIP 8pin Triac output SSR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PR33MF51YIPF Datasheet(HTML) 12 Page - Sharp Corporation

Back Button PR33MF51YIPF Datasheet HTML 6Page - Sharp Corporation PR33MF51YIPF Datasheet HTML 7Page - Sharp Corporation PR33MF51YIPF Datasheet HTML 8Page - Sharp Corporation PR33MF51YIPF Datasheet HTML 9Page - Sharp Corporation PR33MF51YIPF Datasheet HTML 10Page - Sharp Corporation PR33MF51YIPF Datasheet HTML 11Page - Sharp Corporation PR33MF51YIPF Datasheet HTML 12Page - Sharp Corporation PR33MF51YIPF Datasheet HTML 13Page - Sharp Corporation PR33MF51YIPF Datasheet HTML 14Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
Sheet No.: D4-A03901EN
PR33MF51NSZF Series
■ Package specification
● Sleeve package
Through-Hole
Package materials
Sleeve : HIPS (with anti-static material)
Stopper : Styrene-Elastomer
Package method
MAX. 50pcs of products shall be packaged in a sleeve.
Both ends shall be closed by tabbed and tabless stoppers.
The product shall be arranged in the sleeve with its anode mark on the tabless stopper side.
MAX. 20 sleeves in one case.
Sleeve outline dimensions
12
6.7
520
±2
(Unit : mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com