Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR33MF51YIPF Datasheet(PDF) 4 Page - Sharp Corporation

Part # PR33MF51YIPF
Description  Non-Zero Cross type DIP 8pin Triac output SSR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PR33MF51YIPF Datasheet(HTML) 4 Page - Sharp Corporation

  PR33MF51YIPF Datasheet HTML 1Page - Sharp Corporation PR33MF51YIPF Datasheet HTML 2Page - Sharp Corporation PR33MF51YIPF Datasheet HTML 3Page - Sharp Corporation PR33MF51YIPF Datasheet HTML 4Page - Sharp Corporation PR33MF51YIPF Datasheet HTML 5Page - Sharp Corporation PR33MF51YIPF Datasheet HTML 6Page - Sharp Corporation PR33MF51YIPF Datasheet HTML 7Page - Sharp Corporation PR33MF51YIPF Datasheet HTML 8Page - Sharp Corporation PR33MF51YIPF Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
Sheet No.: D4-A03901EN
PR33MF51NSZF Series
■ Absolute Maximum Ratings
■ Electro-optical Characteristics
(Ta=25˚C)
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50∗
3
mA
Reverse voltage
VR
6V
Output
RMS ON-state current
IT(rms)
0.3∗
3
A
Peak one cycle surge current
Isurge
3∗
4
A
Repetitive peak OFF-state voltage
VDRM
600
V
*1 Isolation voltage
Viso(rms)
4
kV
Operating temperature
Topr
−30 to +85
˚C
Storage temperature
Tstg
−40 to +125
˚C
*2 Soldering temperature
Tsol
270
˚C
*1 40 to 60%RH, AC for 1minute, f=60Hz
*2 For 10s
*3 Refer to Fig.1, Fig.2
*4 f=50Hz sine wave
(Ta=25˚C)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
VF
IF=20mA
−
1.2
1.4
V
Reverse current
IR
VR=3V
−−
10
μA
Output
Repentitive peak OFF-state current
IDRM
VD=VDRM
−−
100
μA
ON-state voltage
VT
IT=0.3A
−−
3V
Holding current
IH
VD=6V
−−
25
mA
Critical rate of rise of OFF-state voltage
dV/dt
VD=1/√
−2 ·V
DRM
100
−−
V/μs
Transfer
charac-
teristics
Minimum trigger current
IFT
VD=6V, RL=100Ω−
−
10
mA
Isolation resistance
RISO
DC500V, 40 to 60%RH
5×10
10
10
11
−Ω
Turn-on time
tON
VD=6V, RL=100Ω, IF=20mA
−−
100
μs
Soldering area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com