Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR33MF51YIPF Datasheet(PDF) 6 Page - Sharp Corporation

Part # PR33MF51YIPF
Description  Non-Zero Cross type DIP 8pin Triac output SSR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PR33MF51YIPF Datasheet(HTML) 6 Page - Sharp Corporation

Back Button PR33MF51YIPF Datasheet HTML 2Page - Sharp Corporation PR33MF51YIPF Datasheet HTML 3Page - Sharp Corporation PR33MF51YIPF Datasheet HTML 4Page - Sharp Corporation PR33MF51YIPF Datasheet HTML 5Page - Sharp Corporation PR33MF51YIPF Datasheet HTML 6Page - Sharp Corporation PR33MF51YIPF Datasheet HTML 7Page - Sharp Corporation PR33MF51YIPF Datasheet HTML 8Page - Sharp Corporation PR33MF51YIPF Datasheet HTML 9Page - Sharp Corporation PR33MF51YIPF Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
Sheet No.: D4-A03901EN
PR33MF51NSZF Series
Fig.5 ON-state Voltage vs.
Ambient Temperature
Fig.6 Relative Holding Current vs.
Ambient Temperature
Fig.3 Forward Current vs. Forward Voltage
Fig.4 Minimum Trigger Current vs.
Ambient Temperature
Fig.1 Forward Current vs.
Ambient Temperature
Fig.2 RMS ON-state Current vs.
Ambient Temperature
0
10
20
30
40
50
60
70
Ambient temperature Ta (˚C)
−30
0
50
100
0
0.1
0.2
0.3
−30
0
50
100
Ambient temperature Ta (˚C)
1
100
10
0.5
0
1
1.5
2
2.5
3
−25˚C
50˚C
Forward voltage VF (V)
Ta=75˚C
0˚C
25˚C
0
2
4
6
10
8
12
−40
0
−20
20
40
60
80
100
Ambient temperature Ta (C)
VD=6V
RL=100
1.2
1.5
1.4
1.3
1.6
−30
0
100
50
Ambient temperature Ta (˚C)
IT(rms)=0.3A
10
100
1 000
Ambient temperature Ta (˚C)
VD=6V
−30
0
100
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com