Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002ZTL-AN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2N7002ZTL-AN3-R
Description  300m Amps, 60 Volts DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N7002ZTL-AN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2N7002ZTL-AN3-R Datasheet HTML 1Page - Unisonic Technologies 2N7002ZTL-AN3-R Datasheet HTML 2Page - Unisonic Technologies 2N7002ZTL-AN3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2N7002ZT
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 4
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-538.a
300m Amps, 60 Volts DUAL
N-CHANNEL ENHANCEMENT
MODE MOSFET
DESCRIPTION
The UTC 2N7002ZT uses advanced technology to provide
excellent RDS(ON), low gate charge and low gate voltages during
operation. This device is suitable for use as a load switch or in
PWM applications.
FEATURES
* Low Reverse Transfer Capacitance (CRSS = typical 3.0 pF)
* ESD Protected
* Fast Switching Capability
* Avalanche Energy Specified
* Improved dv/dt Capability, High Ruggedness
SYMBOL
2.Gate
1.Source
3.Drain
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
2N7002ZTL-AN3-R
2N7002ZTG-AN3-R
SOT-523
S
G
D
Tape Reel
MARKING


Similar Part No. - 2N7002ZTL-AN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N7002ZTL-AN3-R UTC-2N7002ZTL-AN3-R Datasheet
164Kb / 3P
300mA, 60V DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - 2N7002ZTL-AN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
60N06 UTC-60N06 Datasheet
201Kb / 8P
60 Amps, 60 Volts N-CHANNEL POWER MOSFET
2N7000Z UTC-2N7000Z Datasheet
156Kb / 3P
115m Amps, 60 Volts N-CHANNEL ENHANCEMENT MODE MOSFET
2N7002DW UTC-2N7002DW Datasheet
306Kb / 6P
300m Amps, 60 Volts DUAL N-CHANNEL POWER MOSFET
2N7002K UTC-2N7002K Datasheet
164Kb / 3P
300m Amps, 60 Volts N-CHANNEL ENHANCEMENT MODE MOSFET
2N7002W UTC-2N7002W Datasheet
158Kb / 3P
300m Amps, 60 Volts N-CHANNEL POWER MOSFET
2N7002Z UTC-2N7002Z Datasheet
169Kb / 4P
300m Amps, 60 Volts N-CHANNEL ENHANCEMENT MODE MOSFET
2N7002ZDW UTC-2N7002ZDW Datasheet
176Kb / 3P
300m Amps, 60 Volts DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
2N7002ZW UTC-2N7002ZW Datasheet
164Kb / 3P
300m Amps, 60 Volts DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
UTT150N06 UTC-UTT150N06 Datasheet
196Kb / 6P
150 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
KIA Semiconductor Techn...
50N06 KIA-50N06 Datasheet
338Kb / 6P
50 Amps, 60 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com