Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT100MF0MP Datasheet(PDF) 1 Page - Sharp Corporation

Part # PT100MF0MP
Description  Surface Mount Type, Opaque Resin Phototransistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PT100MF0MP Datasheet(HTML) 1 Page - Sharp Corporation

  PT100MF0MP Datasheet HTML 1Page - Sharp Corporation PT100MF0MP Datasheet HTML 2Page - Sharp Corporation PT100MF0MP Datasheet HTML 3Page - Sharp Corporation PT100MF0MP Datasheet HTML 4Page - Sharp Corporation PT100MF0MP Datasheet HTML 5Page - Sharp Corporation PT100MF0MP Datasheet HTML 6Page - Sharp Corporation PT100MF0MP Datasheet HTML 7Page - Sharp Corporation PT100MF0MP Datasheet HTML 8Page - Sharp Corporation PT100MF0MP Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Sheet No.: D1-A01801EN
Date: November 30, 2007
©SHARP Corporation
PT100MF0MPx
PT100MF0MPx
Surface Mount Type, Opaque
Resin Phototransistor
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
■ Features
1.
Compact and thin SMD package
2.
Top view and side view mountable
3.
Plastic mold with visible light cut-off (black) resin lens
4.
Peak sensitivity wavelength: 910 nm TYP.
5.
Narrow directivity angle (
Δθ: ±15° TYP.)
6.
Lead free and RoHS directive compliant
■ Model Line-up
■ Agency Approvals/Compliance
1.
Compliant with RoHS directive (2002/95/EC)
2.
Content information about the six substances
specified in “Management Methods for Control of
Pollution Caused by Electronic Information Prod-
ucts Regulation” (popular name: China RoHS)
(Chinese:
);
refer to page 7.
■ Applications
1.
Office automation equipment
2.
Audio visual equipment
3.
Home appliances
4.
Telecommunication equipment
5.
Measuring equipment
6.
Tooling machines/Factory automation
7.
Touch Panels
Model No.
Packaging
Mount Direction
PT100MF0MP
2000 pcs/reel
Side view
PT100MF0MP1
1500 pcs/reel
Top view


Similar Part No. - PT100MF0MP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PT100MF1MP1 SHARP-PT100MF1MP1 Datasheet
396Kb / 10P
Phototransistor
More results

Similar Description - PT100MF0MP

ManufacturerPart #DatasheetDescription
logo
Rohm
RPM-075PT ROHM-RPM-075PT Datasheet
70Kb / 2P
Phototransistor, surface mount type
logo
List of Unclassifed Man...
PS1102HA ETC-PS1102HA Datasheet
166Kb / 10P
Surface Mount Phototransistor/2125 Type
logo
STANLEY ELECTRIC CO.,LT...
PS1191RB STANLEY-PS1191RB Datasheet
183Kb / 10P
Surface Mount Phototransistor/Reverse Mount Type
logo
Sharp Corporation
PD100MF0MP SHARP-PD100MF0MP Datasheet
519Kb / 10P
Surface Mount Type, Opaque Resin Photodiode
PT100MC0MP SHARP-PT100MC0MP Datasheet
782Kb / 11P
Surface Mount Type, Transparent Resin Phototransistor
PT481FE0000F SHARP-PT481FE0000F Datasheet
826Kb / 9P
Opaque Resin, Narrow Directivity Angle, Darlington Phototransistor
PT483F1E000F SHARP-PT483F1E000F Datasheet
789Kb / 9P
Opaque Resin, Narrow Directivity Angle, Long Terminal Darlington Phototransistor
PT493FE0000F SHARP-PT493FE0000F Datasheet
801Kb / 8P
Opaque Resin, Medium Directivity Angle, Long Terminal Darlington Phototransistor
PT4800FE000F SHARP-PT4800FE000F Datasheet
965Kb / 9P
Opaque Resin, Medium Directivity Angle, Thin Package Phototransistor
logo
Rohm
RPM-075PTT86 ROHM-RPM-075PTT86 Datasheet
70Kb / 2P
Phototransistor, surface mount type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com