Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT100MF0MP Datasheet(PDF) 2 Page - Sharp Corporation

Part # PT100MF0MP
Description  Surface Mount Type, Opaque Resin Phototransistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PT100MF0MP Datasheet(HTML) 2 Page - Sharp Corporation

  PT100MF0MP Datasheet HTML 1Page - Sharp Corporation PT100MF0MP Datasheet HTML 2Page - Sharp Corporation PT100MF0MP Datasheet HTML 3Page - Sharp Corporation PT100MF0MP Datasheet HTML 4Page - Sharp Corporation PT100MF0MP Datasheet HTML 5Page - Sharp Corporation PT100MF0MP Datasheet HTML 6Page - Sharp Corporation PT100MF0MP Datasheet HTML 7Page - Sharp Corporation PT100MF0MP Datasheet HTML 8Page - Sharp Corporation PT100MF0MP Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Sheet No.: D1-A01801EN
2
PT100MF0MPx
■ External Dimensions
(Center of lens)
Viewed from PCB
(Side view Mounting)
Viewed from PCB
(Top view Mounting)
Collector
Terminal connection
NOTES:
1. Unit: mm
2. Unspecified tolerance: ±0.2 mm
3. ( ): Reference dimensions
4.
Au plated area
5. Do not allow circuit runs in
area
3.0
2.8
1.5
2.2
(1.0)
(1.0)
(0.57)
(0.57)
3.0
3.0
R0.8
1.1
1.1
1.1
1.5
1.1
1.5
1
2
1
2
1
2
Emitter
No.
Pin Arrangement
Name
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com