Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT100MF0MP Datasheet(PDF) 5 Page - Sharp Corporation

Part # PT100MF0MP
Description  Surface Mount Type, Opaque Resin Phototransistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PT100MF0MP Datasheet(HTML) 5 Page - Sharp Corporation

  PT100MF0MP Datasheet HTML 1Page - Sharp Corporation PT100MF0MP Datasheet HTML 2Page - Sharp Corporation PT100MF0MP Datasheet HTML 3Page - Sharp Corporation PT100MF0MP Datasheet HTML 4Page - Sharp Corporation PT100MF0MP Datasheet HTML 5Page - Sharp Corporation PT100MF0MP Datasheet HTML 6Page - Sharp Corporation PT100MF0MP Datasheet HTML 7Page - Sharp Corporation PT100MF0MP Datasheet HTML 8Page - Sharp Corporation PT100MF0MP Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Sheet No.: D1-A01801EN
5
PT100MF0MPx
Fig. 7 Radiation Diagram (TYP.)
Fig. 8 Collector-emitter Saturation
Voltage vs. Irradiance
0
-10°
+10°
+20°
0°
-20°
-30°
-40°
-50°
-60°
-70°
-80°
-90°
+30°
+40°
+50°
+60°
+70°
+80°
+90°
Angular displacement
θ
100
80
60
40
20
Ta = 25°C
Irradiance Ee (mW/cm2)
0
0.01
0.1
1
10
1.2
1.4
1.0
0.8
0.6
0.4
0.2
Ta = 25°C
IC = 0.05 mA
0.5 mA
0.1 mA
1 mA
2 mA
Fig. 9 Relative Output vs.
Distance to Detector
0.01
0.1
1
10
100
0.1
1
10
100
1000
Distance to detector (mm)
IF = constant
Ta = 25°C
(Emitter: GL100MN0MP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com