Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABACT0059 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MABACT0059
Description  1:1 Transmission Line Transformer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABACT0059 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MABACT0059 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABACT0059 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABACT0059 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MABACT0059 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
1:1 Transmission Line Transformer
4.5 to 3000 MHz
MABACT0059
•
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
•
India Tel: +91.80.43537383
•
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Rev V4
Electrical Specifications: : TA = 25°C, Z0 = 75Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Frequency Range
4.5 – 3000 MHz
Insertion Loss 1 (Pin 4 to Pin 3)
4.5 – 1000 MHz
1000 – 2000 MHz
2000 – 2500 MHz
2500 – 3000 MHz
dB
dB
dB
dB
–
0.07
0.63
1.93
4.20
1.0
2.0
5.0
6.5
Insertion Loss 2 (Pin 4 to Pin 1)
4.5 – 1000 MHz
1000 – 2000 MHz
2000 – 2500 MHz
2500 – 3000 MHz
dB
dB
dB
dB
–
0.29
0.08
2.00
5.30
1.0
2.0
6.0
8.4
Input Return Loss (Pin 4)
4.5 – 1000 MHz
dB
15
26.30
–
Phase Unbalance (Nominal 180
0)
4.5 – 1000 MHz
o
–
±0.03
±2.0
Amp Unbalance (Nominal 0dB)
4.5 – 20 MHz
20 – 1000 MHz
dB
dB
–
±1.0
±0.3
±1.2
±1.0
Recommended Maximum Ratings 1,2
Parameter
Value
RF Power
250 mW
DC Current
30 mA
Operating Temperature
-40° C to +85° C
Storage Temperature
-40° C to +85° C
1. Exceeding any one or combination of these limits may cause
permanent damage to this device.
2. M/A-COM Technology Solutions does not recommend sus-
tained operation near these survivability limits.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com