Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABACT0059 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MABACT0059
Description  1:1 Transmission Line Transformer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABACT0059 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MABACT0059 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABACT0059 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABACT0059 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MABACT0059 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
1:1 Transmission Line Transformer
4.5 to 3000 MHz
MABACT0059
•
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
•
India Tel: +91.80.43537383
•
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Rev V4
Features
• Surface mount
• Wide frequency range
• 1:1 Impedance
• Pb free
• RoHS Compliant and is 260ºC reflow compatible
• Available on tape and reel
Description
The MABACT0059 is a 1:1 Transmission Line Trans-
former. The windings of the MABACT0059 are welded
to the package substrate for improved reliability and to
eliminate lead content. This Transformer is ideally
suited for CATV and Satellite STB/Subscriber applica-
tions.
Schematic
12 3
5
4
Component Dimensions
Pin Configuration
Function
Pin Number
Secondary Dot
1
Not Connected
2
Secondary
3
Primary
4
Primary Dot
5
∗ Dimensions are inches (millimeters) ±0.015 (0.38) unless otherwise
specified.
5
4
3
1


Similar Part No. - MABACT0059

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0059 MACOM-MABACT0059 Datasheet
79Kb / 3P
1:1 Transmission Line Transformer 4.5 - 3000MHz
logo
M/A-COM Technology Solu...
MABACT0059 MA-COM-MABACT0059 Datasheet
101Kb / 3P
1:1 Transmission Line Transformer 4.5 to 3000 MHz
MABACT0059 MA-COM-MABACT0059 Datasheet
520Kb / 4P
1:1 Transmission Line Transformer
MABACT0059 MA-COM-MABACT0059 Datasheet
635Kb / 2P
Twelve different part numbers
MABACT0059 MA-COM-MABACT0059_15 Datasheet
520Kb / 4P
1:1 Transmission Line Transformer
More results

Similar Description - MABACT0059

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABACT0034 MA-COM-MABACT0034 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
MABA-007327-CT1A40 MA-COM-MABA-007327-CT1A40 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
MABA-007731-CT1980 MA-COM-MABA-007731-CT1980 Datasheet
99Kb / 3P
1:1 Transmission Line Transformer
MABAES0032 MA-COM-MABAES0032 Datasheet
114Kb / 3P
Transformer, 1:1 Transmission Line Transformer
MABA-010245-CT1160-V3 MA-COM-MABA-010245-CT1160-V3 Datasheet
828Kb / 4P
1:1 Transmission Line Transformer
MABA-009691-CT1881 MA-COM-MABA-009691-CT1881 Datasheet
95Kb / 3P
Transformer, 1:1 Transmission Line Transformer
MABA-007327-CT1A40 MA-COM-MABA-007327-CT1A40_15 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
MABACT0034 MA-COM-MABACT0034_15 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
MABACT0040 MA-COM-MABACT0040_15 Datasheet
88Kb / 3P
1:1 Transmission Line Transformer
MABACT0059 MA-COM-MABACT0059_15 Datasheet
520Kb / 4P
1:1 Transmission Line Transformer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com