Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABACT0059 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MABACT0059
Description  1:1 Transmission Line Transformer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABACT0059 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MABACT0059 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABACT0059 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABACT0059 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MABACT0059 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
1:1 Transmission Line Transformer
4.5 to 3000 MHz
MABACT0059
•
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
•
India Tel: +91.80.43537383
•
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Rev V4
Typical Performance Curves @ TA = 25°C, Z0 = 75Ω
Insertion Loss 1 (Pin4 - Pin3)
Insertion Loss 2 (Pin4 - Pin1)
-6
-5
-4
-3
-2
-1
0
1
5
504
1003
1502
2001
2501
3000
Frequency (MHz)
-7
-6
-5
-4
-3
-2
-1
0
1
5
504
1003
1502
2001
2501
3000
Frequency (MHz)
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
5
504
1003
1502
2001
2501
3000
Frequency (MHz)
130
140
150
160
170
180
190
200
210
220
230
5
504
1003
1502
2001
2501
3000
Frequency (MHz)
Amplitude Balance
Phase Balance
4.5
4.5
4.5
4.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com