Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3N90L-TQ2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 3N90L-TQ2-R
Description  3 Amps, 900 Volts N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N90L-TQ2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  3N90L-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 3N90L-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 3N90L-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 3N90L-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 3N90L-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 3N90L-TQ2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
3N90
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-290.A
3 Amps, 900 Volts N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 3N90 provides excellent RDS(ON), low gate charge and
operation with low gate voltages. This device is suitable for use as a
load switch or in PWM applications.
FEATURES
* RDS(ON)=4.1Ω @VGS=10 V
* Ultra Low Gate Charge ( typical 22.7 nC )
* Low Reverse Transfer Capacitance ( CRSS= Typical 13 pF )
* Fast Switching Capability
* Avalanche Energy Specified
* Improved dv/dt Capability, High Ruggedness
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
3N90L-TA3-T
3N90G-TA3-T
TO-220
G
D
S
Tube
3N90L-TF3-T
3N90G-TF3-T
TO-220F
G
D
S
Tube
3N90L-TQ2-T
3N90G-TQ2-T
TO-263
G
D
S
Tube
3N90L-TQ2-R
3N90G-TQ2-R
TO-263
G
D
S
Tape Reel


Similar Part No. - 3N90L-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N90L-TQ2-R UTC-3N90L-TQ2-R Datasheet
233Kb / 6P
N-CHANNEL POWER MOSFET
More results

Similar Description - 3N90L-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1N90 UTC-1N90 Datasheet
164Kb / 6P
1 Amps, 900 Volts N-CHANNEL POWER MOSFET
2N90 UTC-2N90 Datasheet
186Kb / 6P
2 Amps, 900 Volts N-CHANNEL POWER MOSFET
4N90 UTC-4N90 Datasheet
165Kb / 6P
4 Amps, 900 Volts N-CHANNEL MOSFET
5N90 UTC-5N90 Datasheet
171Kb / 6P
5 Amps, 900 Volts N-CHANNEL POWER MOSFET
6N90 UTC-6N90 Datasheet
180Kb / 6P
6.2 Amps, 900 Volts N-CHANNEL POWER MOSFET
8N90 UTC-8N90 Datasheet
163Kb / 5P
8 Amps, 900 Volts N-CHANNEL POWER MOSFET
10N90 UTC-10N90 Datasheet
194Kb / 6P
10 Amps, 900 Volts N-CHANNEL POWER MOSFET
11N90 UTC-11N90 Datasheet
199Kb / 6P
11 Amps, 900 Volts N-CHANNEL POWER MOSFET
4N90 UTC-4N90_11 Datasheet
184Kb / 6P
4 Amps, 900 Volts N-CHANNEL POWER MOSFET
3N90Z UTC-3N90Z Datasheet
185Kb / 6P
3 Amps, 900 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com