Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

75N75-TQ2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 75N75-TQ2-R
Description  80Amps, 75Volts N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

75N75-TQ2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  75N75-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 75N75-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 75N75-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 75N75-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 75N75-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 75N75-TQ2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
75N75
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-097.E
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
75
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
TC = 25°C
ID
80
A
Pulsed Drain Current (Note 2)
IDM
320
A
Single Pulsed Avalanche Energy (Note 3)
EAS
700
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
12
V/ns
TO-220/TO-263
300
W
Power Dissipation
TO-220F
PD
45
W
Junction Temperature
TJ
+175
°C
Storage Temperature
TSTG
-55 ~ +175
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Pulse width limited by safe operating area
3. Starting TJ=25°C, ID=40A, VDD=37.5V
4. ISD≤80A, di/dt≤300A/µs, VDD≤BVDSS, TJ≤TJMAX
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
TO-220/TO-263
62.5
°C /W
Junction to Ambient
TO-220F
θJA
62.5
°C /W
TO-220/TO-263
0.5
°C /W
Junction to Case
TO-220F
θJC
3.33
°C /W
ELECTRICAL CHARACTERISTICS (TC = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS = 0 V, ID = 250 µA
75
V
Drain-Source Leakage Current
IDSS
VDS = 75 V, VGS = 0 V
1
µA
Forward
VGS = 20V, VDS = 0 V
100
nA
Gate-Source Leakage Current
Reverse
IGSS
VGS = -20V, VDS = 0 V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID = 250 µA
2.0
3.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS = 10 V, ID = 40 A
9.5
11
mΩ
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
3700
pF
Output Capacitance
COSS
730
pF
Reverse Transfer Capacitance
CRSS
VGS = 0 V, VDS = 25 V
f = 1MHz
240
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
25
ns
Turn-On Rise Time
tR
100
ns
Turn-Off Delay Time
tD(OFF)
66
ns
Turn-Off Fall Time
tF
VDD = 37.5V, ID =45A,
VGS=10V, RG=4.7Ω
30
ns
Total Gate Charge
QG
117
160
nC
Gate-Source Charge
QGS
27
nC
Gate-Drain Charge
QGD
VDS = 60V, VGS = 10 V
ID = 80A
47
nC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com