Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

75N75-TQ2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 75N75-TQ2-R
Description  80Amps, 75Volts N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

75N75-TQ2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  75N75-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 75N75-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 75N75-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 75N75-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 75N75-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 75N75-TQ2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
75N75
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2009 Unisonic Technologies Co., Ltd.
QW-R502-097.E
80Amps, 75Volts
N-CHANNEL POWER MOSFET
DESCRIPTION
The UTC 75N75 is n-channel enhancement mode power field
effect transistors with stable off-state characteristics, fast switching
speed, low thermal resistance, usually used at telecom and
computer application.
FEATURES
* RDS(ON) = 9.5mΩ @VGS = 10 V
* Ultra low gate charge ( typical 117 nC )
* Fast switching capability
* Low reverse transfer Capacitance (CRSS= typical 240 pF )
* Avalanche energy Specified
* Improved dv/dt capability, high ruggedness
SYMBOL
1.Gate
3.Source
2.Drain
TO-220
1
1
TO-220F
TO-263
1
Lead-free:
75N75L
Halogen-free:75N75G
ORDERING INFORMATION
Ordering Number
Pin Assignment
Normal
Lead Free Plating
Halogen Free
Package
1
2
3
Packing
75N75-TA3-T
75N75L-TA3-T
75N75G-TA3-T
TO-220
G
D
S
Tube
75N75-TF3-T
75N75L-TF3-T
75N75G-TF3-T
TO-220F
G
D
S
Tube
75N75-TQ2-T
75N75L-TQ2-T
75N75G-TQ2-T
TO-263
G
D
S
Tube
75N75-TQ2-R
75N75L-TQ2-R
75N75G-TQ2-R
TO-263
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain S: Source


Similar Part No. - 75N75-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
75N75-TA3-R UTC-75N75-TA3-R Datasheet
155Kb / 8P
75Amps, 75Volts N-CHANNEL POWER MOSTFET
75N75-TA3-T UTC-75N75-TA3-T Datasheet
155Kb / 8P
75Amps, 75Volts N-CHANNEL POWER MOSTFET
75N75-TF3-R UTC-75N75-TF3-R Datasheet
155Kb / 8P
75Amps, 75Volts N-CHANNEL POWER MOSTFET
75N75-TF3-T UTC-75N75-TF3-T Datasheet
155Kb / 8P
75Amps, 75Volts N-CHANNEL POWER MOSTFET
75N75-TM3-R UTC-75N75-TM3-R Datasheet
155Kb / 8P
75Amps, 75Volts N-CHANNEL POWER MOSTFET
More results

Similar Description - 75N75-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
logo
Astec America, Inc
AEH80Y48 ASTEC-AEH80Y48 Datasheet
1Mb / 2P
80Amps
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
75N75 UTC-75N75 Datasheet
155Kb / 8P
75Amps, 75Volts N-CHANNEL POWER MOSTFET
logo
Fairchild Semiconductor
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Unisonic Technologies
60N75 UTC-60N75 Datasheet
246Kb / 8P
60Amps, 75Volts N-CHANNEL POWER MOSTFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com