Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

75N75-TQ2-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 75N75-TQ2-R
Description  80Amps, 75Volts N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

75N75-TQ2-R Datasheet(HTML) 5 Page - Unisonic Technologies

  75N75-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 75N75-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 75N75-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 75N75-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 75N75-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 75N75-TQ2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
75N75
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-097.E
TEST CIRCUITS AND WAVEFORMS (Cont.)
2A Switching Test Circuit
2B Switching Waveforms
3A Gate Charge Test Circuit
3B Gate Charge Waveform
4A Unclamped Inductive Switching Test Circuit
4B Unclamped Inductive Switching Waveforms



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com