Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NU-33B54B-R-A Datasheet(PDF) 4 Page - Optoway Technology Inc

Part # NU-33B54B-R-A
Description  155 Mbps 1310 nm Burst Mode TX / 622 Mbps 1490 nm Continuous-Mode RX 3.3V, 2X5 SFF Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

NU-33B54B-R-A Datasheet(HTML) 4 Page - Optoway Technology Inc

  NU-33B54B-R-A Datasheet HTML 1Page - Optoway Technology Inc NU-33B54B-R-A Datasheet HTML 2Page - Optoway Technology Inc NU-33B54B-R-A Datasheet HTML 3Page - Optoway Technology Inc NU-33B54B-R-A Datasheet HTML 4Page - Optoway Technology Inc NU-33B54B-R-A Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Optoway
NU-33B55B-R/-P
***********************************************************************************************************************************************************************
************************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
12/1/2004 V3.0
4
RECOMMENDED CIRCUIT SCHEMATIC
Vcc 3.3V
10nF
10uF
1uH
1uH
Z=50R
Z=50R
Z=50R
Z=50R
100R
LVPECL
LVPECL
Vcc 3.3V
Vcc 3.3V
TD+
TD-
CDR or PHY DEVICE
LD
Driver
Post
Amp
TX-
TX+
TX GND
RX GND
RX+
RX-
10nF
10uF
TX Vcc
RX Vcc
SFF ONU Module
1
4
5
7
10
2
6
9
8
SD (LVTTL)
130R
82R
82R
130R
Vcc 3.3V
BEN (LVTTL)
3
depend on customer's PHY
PACKAGE DIAGRAM
Units in mm
1) SC Receptacle
4.91
1.78
49.40
11.98
29.82



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com