Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NU-33B54B-R-A Datasheet(PDF) 3 Page - Optoway Technology Inc

Part # NU-33B54B-R-A
Description  155 Mbps 1310 nm Burst Mode TX / 622 Mbps 1490 nm Continuous-Mode RX 3.3V, 2X5 SFF Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

NU-33B54B-R-A Datasheet(HTML) 3 Page - Optoway Technology Inc

  NU-33B54B-R-A Datasheet HTML 1Page - Optoway Technology Inc NU-33B54B-R-A Datasheet HTML 2Page - Optoway Technology Inc NU-33B54B-R-A Datasheet HTML 3Page - Optoway Technology Inc NU-33B54B-R-A Datasheet HTML 4Page - Optoway Technology Inc NU-33B54B-R-A Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Optoway
NU-33B55B-R/-P
***********************************************************************************************************************************************************************
************************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
12/1/2004 V3.0
3
Receiver Characteristics ( 0
oC < Topr < 70oC, 3.13V < Vcc < 3.47V )
Parameter
Symbol
Min.
Typ.
Max.
Units
Notes
Optical
Sensitivity
Sen
-29
dBm
4
Saturation Optical Power
Sat
-5
4
Wavelength of Operation
1480
1500
nm
5,6
Signal Detect Assert Level
Pa
-29
Signal Detect Deassert Level
Pd
-40
Signal Detect Hysteresis
1.0
4.0
dB
Data Rate
622
650
Mb/s
Optical Return Loss
14
dB
Electrical
Data Output Voltage – Low
VOL - VCC
-2.0
-1.58
V
7
Data Output Voltage – High
VOH - VCC
-1.1
-0.74
V
7
SD Output Voltage -- Low
VOL - VCC
0.8
V
SD Output Voltage -- High
VOH - VCC
2.0
V
Signal Detect Assert Time
ASMAX
100
µs
OFF to ON
Signal Detect Deassert Time
ANSMAX
300
µs
ON to OFF
4. Sensitivity and saturation levels at BER 1E-10 for a 2
23-1 PRBS @ER=10.
5. At least 30 dB optical isolation for the wavelength 1260 to 1360 nm.
6.
7. These inputs are compatible with 10K, 10KH and 100K ECL and LVPECL outputs.
CONNECTION DIAGRAM
PIN
I/O
Symbol
Notes
1
RXGND
Directly connect this pin to the receiver ground plane
2
RXVCC
+3.3V dc power for the receiver section
3
O
LOS
Loss Signal Output. Active “Low” indicates a loss of receiving optical signal.
4
O
RD
−
Receiver Dataout Bar. See recommended circuit schematic
5
O
RD+
Receiver Dataout. See recommended circuit schematic
6
TXVCC
+3.3V dc power for the transmitter section
7
TXGND
Directly connect this plan to the transmitter ground plane
8
I
TX SHUT
Transmitter Shutdown Input. Active Low. Connect this pin to +3.3V TTL logic “0”
to disable TX. This pin is internally pulled to “High”.
9
I
TD+
Transmitter Data In. See recommended circuit schematic
10
I
TD-
Transmitter Data In Bar. See recommended circuit schematic
MS
MS
Mounting Studs. Connect to Chassis Ground



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com