Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NU-33B54B-R-A Datasheet(PDF) 2 Page - Optoway Technology Inc

Part # NU-33B54B-R-A
Description  155 Mbps 1310 nm Burst Mode TX / 622 Mbps 1490 nm Continuous-Mode RX 3.3V, 2X5 SFF Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

NU-33B54B-R-A Datasheet(HTML) 2 Page - Optoway Technology Inc

  NU-33B54B-R-A Datasheet HTML 1Page - Optoway Technology Inc NU-33B54B-R-A Datasheet HTML 2Page - Optoway Technology Inc NU-33B54B-R-A Datasheet HTML 3Page - Optoway Technology Inc NU-33B54B-R-A Datasheet HTML 4Page - Optoway Technology Inc NU-33B54B-R-A Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Optoway
NU-33B55B-R/-P
***********************************************************************************************************************************************************************
************************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
12/1/2004 V3.0
2
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Unit
Notes
Power Supply Voltage
Vcc
0
4
V
Input Voltage
GND
Vcc
V
Output Current
Iout
0
30
mA
Operating Temperature
Topr
0
70
oC
With air flow 1m/sec
Storage Temperature
Tstg
-40
85
oC
Soldering Temperature
260
oC
10 seconds on leads only
Bending Radius of Fiber
30
mm
For pigtail product
Stress in excess of the maximum absolute ratings can cause permanent damage to the module.
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Unit
Notes
Power Supply Voltage
Vcc
3.13
3.47
V
Power Supply Current
Icc TX+RX
250
mA
Operating Temperature
Topr
0
70
oC
With air flow 1m/sec
Transmitter Specifications ( 0
oC < Topr < 70oC, 3.13V < Vcc < 3.47V )
Parameter
Symbol
Min.
Typ.
Max.
Units
Notes
Optical
Optical Transmit Power
Po
-4
2
dBm
1
Output Center Wavelength
λ
1260
1310
1360
nm
Output Spectrum Width
Δλ
RMS
4
nm
RMS (σ)
Extinction Ratio
ER
10
dB
Background Light
BDL
-35
dBm
Without Input to
Transmitter
Data Rate
155
170
Mb/s
Optical Rise Time
1.0
2.0
ns
10% to 90% Values
Optical Fall Time
1.0
2.0
ns
10% to 90% Values
Relative Intensity Noise
RIN
-120
dB/Hz
Total Jitter
1
ns
Electrical
Data Input Current – Low
-350
µA
Data Input Current – High
350
µA
Differential Input Voltage
VIH - VIL
300
1600
mV
Data Input Voltage – Low
VIL - VCC
-2.0
-1.58
V
3
Data Input Voltage -- High
VIH - VCC
-1.1
-0.74
V
3
Shutdown Input Voltage -- Low
VTSHDN,L
0
0.8
V
TX Output Disable
Shutdown Input Voltage -- High
VTSHDN,H
2.0
Vcc
V
TX Output Enable
Shut Off Time for Tx Shutdown
tDIS
30
µs
1. Output power is power coupled into a 9/125
µm single mode fiber.
2. These inputs are compatible with 10K, 10KH and 100K ECL and LVPECL inputs.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com