Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1136G-XX-AF5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # L1136G-XX-AF5-R
Description  HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L1136G-XX-AF5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  L1136G-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies L1136G-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies L1136G-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies L1136G-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies L1136G-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies L1136G-XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies L1136G-XX-AF5-R Datasheet HTML 7Page - Unisonic Technologies L1136G-XX-AF5-R Datasheet HTML 8Page - Unisonic Technologies L1136G-XX-AF5-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
L1136
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R502-464.A
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
VIN
VSS -0.3 ~ VSS +6
V
Input Voltage
VON/OFF
VSS -0.3 ~ VIN +0.3
V
Output Voltage
VOUT
VSS -0.3 ~ VIN +0.3
V
Power Dissipation
PD
1000
mW
Ambient Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-40 ~ +125
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
TEST
CIRCUIT
1.0V≤VOUT(S)≤1.5V
VOUT(S)
-0.015
VOUT(S)
VOUT(S)
+0.015
V
1
VIN=VOUT(S)+1.0V,
IOUT=100mA
1.5V≤VOUT(S)≤4.5V
VOUT(S)
×0.99
VOUT(S)
VOUT(S)
×1.01
V
1
Output Voltage
(Note 1)
VOUT(E)
VIN=5.5V,
IOUT=100mA
4.5V≤VOUT(S)≤5.0V
VOUT(S)
×0.99
VOUT(S)
VOUT(S)
×1.01
V
1
VIN≥VOUT(S)+1.0V
1.0V≤VOUT(S)≤4.5V
600(Note 5)
mA
3
Output Current
(Note 2)
IOUT
VIN=5.5V
4.5V≤VOUT(S)≤5.0V
600(Note 5)
mA
3
1.1V≤VOUT(S)≤1.2V
0.44
0.48
V
1
1.2V≤VOUT(S)≤1.3V
0.34
0.38
V
1
1.4V≤VOUT(S)≤1.5V
0.14
0.18
V
1
1.5V≤VOUT(S)≤2.6V
0.10
0.15
V
1
Dropout Voltage
(Note 3)
VDROP
IOUT=200mA
2.6V≤VOUT(S)≤5.0V
0.07
0.10
V
1
VIN=VOUT(S)+1.0V,
IOUT=100mA
-40≤TA ≤85°C
1.0V≤VOUT(S)≤4.5V
±130
ppm/°C
1
Output Voltage
Temperature
Coefficient (Note 4)
OUT
A
OUT
V
T
V
⋅
Δ
Δ
VIN=5.5V,
IOUT=100mA
-40≤TA ≤85°C
4.5V≤VOUT(S)≤5.0V
±130
ppm/°C
1
Note: 1. VOUT(S): Specified output voltage; VOUT(E): Actual output voltage
The output voltage when fixing IOUT (=100mA) and inputting VOUT(S)+1.0V or 5.5V
2. The output current at which the output voltage becomes 95% of VOUT(E) after gradually increasing the output
current
3. VDROP = VIN1-(VOUT3×0.98)
VOUT3 is the output voltage when VIN = VOUT(S)+1.0V or 5.5V, and IOUT = 200mA.
VIN1 is the input voltage at which the output voltage becomes 98% of VOUT3 after gradually decreasing the
input voltage.
4. The change in temperature [mV/°C] is calculated using the following equation.
1000
3
2
1
÷
°
•
Δ
Δ
×
=
°
Δ
Δ
*
OUT
A
OUT
*
)
S
(
OUT
*
A
OUT
]
C
/
ppm
[
V
T
V
]
V
[
V
]
C
/
mV
[
T
V
*1. Change in temperature of the output voltage
*2. Specified output voltage
*3. Output voltage temperature coefficient
5. The output current can be at least this value.
Due to limitation of the package power dissipation, this value may not be satisfied. Attention should be
paid to the power dissipation of the package when the output current is large.
This specification is guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com