Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1136G-XX-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L1136G-XX-AF5-R
Description  HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L1136G-XX-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  L1136G-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies L1136G-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies L1136G-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies L1136G-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies L1136G-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies L1136G-XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies L1136G-XX-AF5-R Datasheet HTML 7Page - Unisonic Technologies L1136G-XX-AF5-R Datasheet HTML 8Page - Unisonic Technologies L1136G-XX-AF5-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
L1136
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 9
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-464.A
HIGH RIPPLE-REJECTION LOW
DROPOUT HIGH OUTPUT
CURRENT CMOS VOLTAGE
REGULATOR
DESCRIPTION
The UTC L1136 is an extremely low dropout regulator providing
designers with low current dissipation, high output voltage accuracy
and it is developed based on CMOS technology.
The internal transistor with low-resistance provides small
dropout voltage and the large output current. Various capacitors, as
well as small ceramic capacitors, can be used for this IC more than
for the conventional regulator ICs which have CMOS technology.
The ON/OFF circuit can guarantee longer sure the battery life.
The over-current protection circuit is designed to protect the device from being damaged because of load
current while exceeding the capacitance of output transistor. The thermal shutdown protection circuit protects
against heat and the rush current control protection circuit and limits the excessive rush current during start-up.
The UTC L1136 is universally suitable for power supply of battery-powered devices, power supply of TV,
notebook PCs and home electric appliances, and constant-voltage power supply of portable equipment.
FEATURES
* Output Voltage Ranges from 1.0 to 5.0V Selectable in 0.05V Step
* Input Voltage Varies From 1.5 to 5.5V
* Low Equivalent Series Resistance Capacitor: Ceramic Capacitor of 4.7μF or More can be used as the I/O Capacitor
* High Accuracy Output Voltage:
±1.0%(1.0~1.45V output product: ±15mV)
* Low Current Consumption:
During operation: 70μA (TYP.), 90μA (MAX.) (3.0V output product)
During shutdown: 0.1μA (TYP.), 1.0μA (MAX.)
* Low Dropout Voltage:
70mV (TYP.) (3.0V output product, at IOUT = 200mA)
* Output current:
500mA (3.0V output product, at VIN≥VOUT(S)+1.0V)
(Attention should be paid to the power dissipation of the package when the output current is large.)
* High ripple rejection:
70dB (TYP.) @ 1.0kHz, VOUT=1.0V
* Internal Protection Circuits: Over-Current Protection Circuit, Thermal Shutdown Circuit And Rush Current Control Circuit
* Internal Power On/Off Circuit Ensures Longer Battery Life
* Special Care should be Taken to the Power Consumption of the Package when the Output Current is Large.
ORDERING INFORMATION
Ordering Number
Package
Packing
L1136G-xx-AF5-R
SOT-25
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.


Similar Part No. - L1136G-XX-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1136G-XX-AF5-R UTC-L1136G-XX-AF5-R Datasheet
214Kb / 9P
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
L1136G-XX-AF5-R UTC-L1136G-XX-AF5-R Datasheet
290Kb / 9P
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results

Similar Description - L1136G-XX-AF5-R

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1132 SII-S-1132 Datasheet
531Kb / 35P
HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1155 SII-S-1155 Datasheet
773Kb / 28P
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1170 SII-S-1170 Datasheet
392Kb / 29P
HIGH RIPPLE-REJECTION AND LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1172 SII-S-1172 Datasheet
654Kb / 34P
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
L1136 UTC-L1136_11 Datasheet
214Kb / 9P
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
L1136 UTC-L1136_12 Datasheet
290Kb / 9P
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-13A1 SII-S-13A1 Datasheet
3Mb / 74P
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1135 SII-S-1135 Datasheet
2Mb / 48P
HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1155 ABLIC-S-1155 Datasheet
515Kb / 28P
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.1_03
S-1172 ABLIC-S-1172 Datasheet
601Kb / 35P
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.2_03
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com