Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1136G-XX-AF5-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # L1136G-XX-AF5-R
Description  HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L1136G-XX-AF5-R Datasheet(HTML) 9 Page - Unisonic Technologies

  L1136G-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies L1136G-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies L1136G-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies L1136G-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies L1136G-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies L1136G-XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies L1136G-XX-AF5-R Datasheet HTML 7Page - Unisonic Technologies L1136G-XX-AF5-R Datasheet HTML 8Page - Unisonic Technologies L1136G-XX-AF5-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
L1136
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
9 of 9
www.unisonic.com.tw
QW-R502-464.A
FUNCTIONAL DESCRIPTION (Cont.)
4. Over-current protection circuit
An over-current protection circuit is contained in the UTC L1136. It aims at preventing the output transistor from
damage due to an excessive output current and short circuiting between the VOUT and VSS pin. The current (ISHORT) is
internally-fixed to about typically 200mA when short-circuit condition is applied in output pin, and the initial value is
restored for the output voltage, if releasing a short circuit once.
Caution
: This over-current protection circuit does not work as for thermal protection. If this IC maintains short
circuiting for a long time inside, take care to the conditions of input voltage and the load current, therefore,
under the usage conditions including short circuit, the IC’s consumption will not exceed power dissipation
of the package.
5. Thermal shutdown circuit
A thermal shutdown circuit is included to prevent this device from being damaged for overheat. The thermal
shutdown circuit operates to stop regulating when the junction temperature becomes higher than 150°C (TYP.), and
it turns back to normal operation when the junction temperature is lower than 120°C (TYP.).
Due to self-heating of the UTC L1136, if the thermal shutdown circuit starts operating, it stops regulating so that
the output voltage drops. When the regulating operation stops, the IC’s temperature goes down due to the UTC
L1136
does not generate heat itself. When the temperature drops, the thermal shutdown circuit is released to restart
regulating, thus this IC generates heat again. Repeating this procedure makes waveform of the output voltage
pulse-like form. Stop/Restart of regulation continues unless decreasing either/both of the input voltage and the
output voltage for reducing the internal current consumption, or decreasing the ambient temperature.
Thermal Shutdown Circuit (Note)
VOUT Pin Voltage
Operation: 150°C (Typ.)
VSS level
Release: 120°C (Typ.)
Set value
Note: Junction Temperature
6. Rush current control circuit
The rush current control circuit is designed to protect against the rush current occurs during power-on or when
the ON/OFF pin is ON. The rush current is specified to typically 400mA immediately after power-on or from the
ON/OFF pin is ON until the specified time (100μs min.) which is set internally.
Caution
: Due to the thermal shutdown protection circuit, the junction temperature drops to 120°C (TYP.), after
stopping regulation, the circuit is released to restart regulation; in this case, pay attention to the period
which is to limit rush current to be shorter (10μs min.).
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com