Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6726L-S18-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L6726L-S18-R
Description  UNIVERSAL SPEECH CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L6726L-S18-R Datasheet(HTML) 1 Page - Unisonic Technologies

  L6726L-S18-R Datasheet HTML 1Page - Unisonic Technologies L6726L-S18-R Datasheet HTML 2Page - Unisonic Technologies L6726L-S18-R Datasheet HTML 3Page - Unisonic Technologies L6726L-S18-R Datasheet HTML 4Page - Unisonic Technologies L6726L-S18-R Datasheet HTML 5Page - Unisonic Technologies L6726L-S18-R Datasheet HTML 6Page - Unisonic Technologies L6726L-S18-R Datasheet HTML 7Page - Unisonic Technologies L6726L-S18-R Datasheet HTML 8Page - Unisonic Technologies L6726L-S18-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
UNISONIC TECHNOLOGIES CO., LTD
L6726
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 13
Copyright © 2008 Unisonic Technologies Co., Ltd
QW-R108-015,B
UNIVERSAL SPEECH
CIRCUIT
DESCRIPTION
The UTC L6726 is a mask-programmable, monolithic
integrated speech circuits for using in electronic telephones.
It is designed for using with a low impedance microphone.
Transmitting and receiving gain are regulated with line length.
Different regulation for various current feeds can be set by
external resistors. Typical current feeds as 48V 2·200Ω, 48V,
2·400Ω, and 36V, 2·500Ω, can be handled. Application
dependent parameters such as line balance, side tone level,
amplification and frequency response are set by external
components. Parameters are set independently which means
easy adaptation for various market needs.
The UTC L6726 is developed for using with CMOS-type dialer
ICs. A separate DTMF input is switched when the circuit is
muted, and an adjustable DC supply is provided for feeding an
external CMOS device.
FEATURES
*Minimum number of inexpensive external components, 5
capacitors and 11 resistors.
*Mute function for operation with DTMF-generator.
*Transmit and receive gain regulation for automatic loop loss
compensation.
*Extended current and voltage range 5~130mA, down to 2V.
*Differential microphone input for good balance to ground.
*Balanced receiver output stage.
*Short start-up time.
*Stabilized DC-supply for low current CMOS dialers and/or
electret microphones.
*DTMF-input controlled by mute.
*Pb-free plating product number: L6726L
ORDERING INFORMATION
Ordering Number
Normal
Lead Free
Package
Packing
L6726-D18-T
L6726L-D18-T
DIP-18
Tube
L6726-S18-R
L6726L-S18-R
SOP-18
Tape Reel
L6726-S18-T
L6726L-S18-T
SOP-18
Tube


Similar Part No. - L6726L-S18-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L6726L-S18-R UTC-L6726L-S18-R Datasheet
285Kb / 13P
UNIVERSAL SPEECH CIRCUIT
More results

Similar Description - L6726L-S18-R

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7630 OKI-MSM7630 Datasheet
650Kb / 95P
Universal Speech Processor
logo
Samsung semiconductor
KA8603 SAMSUNG-KA8603 Datasheet
67Kb / 5P
UNIVERSAL SPEECH NETWORK
logo
Ericsson
PBL3853 ERICSSON-PBL3853 Datasheet
256Kb / 16P
Universal Speech Circuit
PBL38541 ERICSSON-PBL38541 Datasheet
277Kb / 14P
Universal Speech Circuit
PBL38570 ERICSSON-PBL38570 Datasheet
238Kb / 12P
Universal Speech Circuit
logo
Integral Corp.
IL3726AN INTEGRAL-IL3726AN Datasheet
240Kb / 4P
Universal Speech Circuit with Dialler Interface
logo
KODENSHI_AUK CORP.
KK3726AN KODENSHI-KK3726AN Datasheet
260Kb / 4P
Universal Speech Circuit with Dialler Interface
logo
Unisonic Technologies
UTCL6726 UTC-UTCL6726 Datasheet
186Kb / 12P
UNIVERSAL SPEECH CIRCUIT
L6726 UTC-L6726_12 Datasheet
285Kb / 13P
UNIVERSAL SPEECH CIRCUIT
L6726 UTC-L6726_15 Datasheet
328Kb / 13P
UNIVERSAL SPEECH CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com