Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM339-S14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LM339-S14-R
Description  QUAD DIFFERENTIAL COMPARATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM339-S14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LM339-S14-R Datasheet HTML 1Page - Unisonic Technologies LM339-S14-R Datasheet HTML 2Page - Unisonic Technologies LM339-S14-R Datasheet HTML 3Page - Unisonic Technologies LM339-S14-R Datasheet HTML 4Page - Unisonic Technologies LM339-S14-R Datasheet HTML 5Page - Unisonic Technologies LM339-S14-R Datasheet HTML 6Page - Unisonic Technologies LM339-S14-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LM339
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 7
Copyright © 2010 Unisonic Technologies Co., LTD
QW-R104-001.H
QUAD DIFFERENTIAL
COMPARATOR
DESCRIPTION
The UTC LM339 consists of four independent voltage
comparators, designed specifically to operate from a single
power supply over a wide voltage range.
FEATURES
*Signal or dual supply operation.
*Wide operating supply range (Vcc=2V~36V).
*Input common-mode voltage includes ground.
*Low supply current drain IF=0.8mA (Typical).
*Open collector outputs for wired and connection.
*Low input bias current IBIAS=25nA (Typical).
*Low output saturation voltage.
*Output compatible with TTL, DTL, and CMOS logic system.
DIP-14
SOP-14
TSSOP-14
Lead-free: LM339L
Halogen-free: LM339G
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Halogen-Free
Package
Packing
LM339-S14-R
LM339L-S14-R
LM339G-S14-R
SOP-14
Tape Reel
LM339-P14-R
LM339L-P14-R
LM339G-P14-R
TSSOP-14
Tape Reel
LM339-D14-T
LM339L-D14-T
LM339G-D14-T
DIP-14
Tube


Similar Part No. - LM339-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM339-S14-R UTC-LM339-S14-R Datasheet
127Kb / 6P
QUAD DIFFERENTIAL COMPARATOR
More results

Similar Description - LM339-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCLM339 UTC-UTCLM339 Datasheet
42Kb / 4P
QUAD DIFFERENTIAL COMPARATOR
logo
Wuxi Youda electronics ...
YD339 YOUDA-YD339 Datasheet
102Kb / 3P
QUAD DIFFERENTIAL COMPARATOR
YD393 YOUDA-YD393 Datasheet
100Kb / 3P
QUAD DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM339 UTC-LM339_05 Datasheet
127Kb / 6P
QUAD DIFFERENTIAL COMPARATOR
LM339 UTC-LM339_12 Datasheet
264Kb / 7P
QUAD DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM239AQDRQ1 TI-LM239AQDRQ1 Datasheet
140Kb / 6P
QUAD DIFFERENTIAL COMPARATOR
logo
Cystech Electonics Corp...
LM339PC CYSTEKEC-LM339PC Datasheet
502Kb / 6P
Quad Differential Comparator
logo
Texas Instruments
LM239A-EP TI1-LM239A-EP_14 Datasheet
600Kb / 16P
QUAD DIFFERENTIAL COMPARATOR
LM139-SP TI1-LM139-SP_14 Datasheet
214Kb / 14P
QUAD DIFFERENTIAL COMPARATOR
logo
Hangzhou Youwang Electr...
UTC339 YOUWANG-UTC339 Datasheet
89Kb / 7P
QUAD DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com