Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFA10N80P Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFA10N80P
Description  PolarHV HiPerFET Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFA10N80P Datasheet(HTML) 2 Page - IXYS Corporation

  IXFA10N80P Datasheet HTML 1Page - IXYS Corporation IXFA10N80P Datasheet HTML 2Page - IXYS Corporation IXFA10N80P Datasheet HTML 3Page - IXYS Corporation IXFA10N80P Datasheet HTML 4Page - IXYS Corporation IXFA10N80P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXFA10N80P IXFP10N80P
IXFQ10N80P IXFH10N80P
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
Note 1. Pulse test, t
≤ 300 μs, duty cycle d ≤ 2 %
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max
g
fs
V
DS= 20V, ID = 0.5 • ID25, Note 1
7
11
S
C
iss
2050
pF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
172
pF
C
rss
16
pF
t
d(on)
21
ns
t
r
22
ns
t
d(off)
62
ns
t
f
22
ns
Q
g(on)
40
nC
Q
gs
V
GS= 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
12
nC
Q
gd
14
nC
R
thJC
0.42
°C/W
R
thCS
(TO-220)
0.50
°C/W
R
thCS
(TO-247 & TO-3P)
0.25
°C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max
I
S
V
GS = 0V
10
A
I
SM
Repetitive, Pulse WidthLlimited by T
JM
30
A
V
SD
I
F = IS, VGS = 0V, Note 1
1.5
V
t
rr
200
250
ns
I
RM
3.0
A
Q
RM
0.6
μC
I
F = 10A, VGS = 0V
-di/dt = 100A/
μs
V
R = 100V
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
R
G = 5Ω (External)
Fig. 1. Forward-Bias Safe Operating Area
0.1
1.0
10.0
100.0
10
100
1000
VDS - Volts
TJ = 150ºC
TC = 25ºC
Single Pulse
1ms
100µs
25µs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com