Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFA10N80P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFA10N80P
Description  PolarHV HiPerFET Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFA10N80P Datasheet(HTML) 1 Page - IXYS Corporation

  IXFA10N80P Datasheet HTML 1Page - IXYS Corporation IXFA10N80P Datasheet HTML 2Page - IXYS Corporation IXFA10N80P Datasheet HTML 3Page - IXYS Corporation IXFA10N80P Datasheet HTML 4Page - IXYS Corporation IXFA10N80P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2009 IXYS CORPORATION, All Rights Reserved
DS99432F(08/09)
PolarHVTM HiPerFET
Power MOSFET
IXFA10N80P
IXFP10N80P
IXFQ10N80P
IXFH10N80P
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Diode
Features
International Standard Packages
Avalanche Rated
Low Package Inductance
Easy to Drive and to Protect
Advantages
Easy to Mount
Space Savings
High Power Density
Applications
Switched-Mode and Resonant-Mode
Power Supplies
DC-DC Converters
Laser Drivers
AC and DC Motor Drives
Robotics and Servo Controls
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250μA
800
V
V
GS(th)
V
DS = VGS, ID = 2.5mA
3.0
5.5
V
I
GSS
V
GS = ± 30V, VDS = 0V
±100 nA
I
DSS
V
DS = VDSS, VGS= 0V
25
μA
T
J = 150°C
500
μA
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
1.1
Ω
V
DSS
= 800V
I
D25
= 10A
R
DS(on) ≤
≤≤≤≤ 1.1
Ω
Ω
Ω
Ω
Ω
t
rr
≤≤≤≤≤ 250ns
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
800
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
800
V
V
GSS
Continuous
±30
V
V
GSM
Transient
±40
V
I
D25
T
C = 25°C10
A
I
DM
T
C = 25°C, Pulse Width Limited by TJM
30
A
I
A
T
C = 25°C5
A
E
AS
T
C = 25°C
600
mJ
dV/dt
I
S
≤ I
DM, VDD ≤ VDSS, TJ ≤ 150°C
10
V/ns
P
D
T
C = 25°C
300
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6mm (0.062) from Case for 10s
300
°C
T
SOLD
Plastic Body for 10s
260
°C
M
d
Mounting Torque
(TO-220,TO-247)
1.13 / 10
Nm/lb.in.
Weight
TO-263
2.5
g
TO-220
3.0
g
TO-3P
5.5
g
TO-247
6.0
g
G = Gate
D
= Drain
S = Source
TAB = Drain
TO-263 AA (IXFA)
G
S
D (TAB)
G
D
S
TO-220AB (IXFP)
D (TAB)
TO-3P (IXFQ)
G
D
S
D (TAB)
TO-247 (IXFH)
D (TAB)
G
D
S


Similar Part No. - IXFA10N80P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFA10N80P IXYS-IXFA10N80P Datasheet
353Kb / 7P
Power MOSFET
logo
Inchange Semiconductor ...
IXFA10N80P ISC-IXFA10N80P Datasheet
332Kb / 2P
isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXFA10N80P IXYS-IXFA10N80P_V01 Datasheet
353Kb / 7P
Power MOSFET
More results

Similar Description - IXFA10N80P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFC30N60P IXYS-IXFC30N60P Datasheet
141Kb / 4P
PolarHV HiPerFET Power MOSFET
IXFC36N50P IXYS-IXFC36N50P Datasheet
254Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFH20N80P IXYS-IXFH20N80P Datasheet
331Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFH44N50P IXYS-IXFH44N50P Datasheet
301Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFN48N60P IXYS-IXFN48N60P Datasheet
90Kb / 4P
PolarHV HiPerFET Power MOSFET
IXFN80N50P IXYS-IXFN80N50P Datasheet
162Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFN82N60P IXYS-IXFN82N60P Datasheet
158Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFN100N50P IXYS-IXFN100N50P Datasheet
158Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFA16N50P IXYS-IXFA16N50P Datasheet
221Kb / 4P
PolarHV HiperFET Power MOSFET
IXFI7N80P IXYS-IXFI7N80P Datasheet
146Kb / 4P
PolarHV HiPerFET Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com