Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFA10N80P Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFA10N80P
Description  PolarHV HiPerFET Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFA10N80P Datasheet(HTML) 4 Page - IXYS Corporation

  IXFA10N80P Datasheet HTML 1Page - IXYS Corporation IXFA10N80P Datasheet HTML 2Page - IXYS Corporation IXFA10N80P Datasheet HTML 3Page - IXYS Corporation IXFA10N80P Datasheet HTML 4Page - IXYS Corporation IXFA10N80P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IXFA10N80P IXFP10N80P
IXFQ10N80P IXFH10N80P
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXYS REF: F_10N80P(5J)8-18-09-A
Fig. 12. Capacitance
10
100
1000
10000
0
5
10
15
20
25
30
35
40
VD S - Volts
Ciss
Coss
Crss
f = 1MHz
Fig. 11. Gate Charge
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
35
40
Q G - nanoCoulombs
VDS = 400V
ID = 5A
IG = 10mA
Fig. 8. Input Admittance
0
1
2
3
4
5
6
7
8
9
10
3.5
4.0
4.5
5.0
5.5
6.0
6.5
VG S - Volts
TJ = 125ºC
25
ºC
- 40
ºC
Fig. 9. Transconductance
0
2
4
6
8
10
12
14
16
18
0123456789
10
I D - Amperes
TJ = - 40ºC
25
ºC
125
ºC
Fig. 10. Source Current vs.
Source-To-Drain Voltage
0
3
6
9
12
15
18
21
24
27
30
0.40.5
0.60.7
0.80.9
1.01.1
VS D - Volts
TJ = 125ºC
TJ = 25ºC
Fig. 13. Maximum Transient Thermal
Impedance
0.01
0.10
1.00
0.0001
0.001
0.01
0.1
1
10
Pulse Width - Seconds



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com