Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

19-22-R6GHC-C02-2T Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # 19-22-R6GHC-C02-2T
Description  0603 Package Chip LED with Bi-Color(Multi-Color)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

19-22-R6GHC-C02-2T Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  19-22-R6GHC-C02-2T Datasheet HTML 1Page - Everlight Electronics Co., Ltd 19-22-R6GHC-C02-2T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 19-22-R6GHC-C02-2T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 19-22-R6GHC-C02-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 19-22-R6GHC-C02-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 19-22-R6GHC-C02-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 19-22-R6GHC-C02-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 19-22-R6GHC-C02-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 19-22-R6GHC-C02-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
19-22/R6GHC-C02/2T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 2 of 12
Device No. : SZDSE-192-C02
Prepared date: 03-Jan-2005
Prepared by:Zhang huali
Package Outline Dimensions
Note: The tolerances unless mentioned is ±0.1mm ,Unit = mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com