Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

19-22-R6GHC-C02-2T Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # 19-22-R6GHC-C02-2T
Description  0603 Package Chip LED with Bi-Color(Multi-Color)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

19-22-R6GHC-C02-2T Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  19-22-R6GHC-C02-2T Datasheet HTML 1Page - Everlight Electronics Co., Ltd 19-22-R6GHC-C02-2T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 19-22-R6GHC-C02-2T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 19-22-R6GHC-C02-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 19-22-R6GHC-C02-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 19-22-R6GHC-C02-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 19-22-R6GHC-C02-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 19-22-R6GHC-C02-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 19-22-R6GHC-C02-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 1 of 12
Device No. : SZDSE-192-C02
Prepared date: 03-Jan-2005
Prepared by:Zhang huali
Technical Data Sheet
0603 Package Chip LED with Bi-Color(Multi-Color)
19-22/R6GHC-C02/2T
Features
․Package in 8mm tape on 7〞diameter reel.
․Compatible with automatic placement equipment.
․Compatible with infrared and vapor phase reflow
solder process.
․Multi-color type.
․Pb-free.
․The product itself will remain within RoHS compliant version.
Descriptions
․The 19-22 SMD Taping is much smaller
than lead frame type components, thus
enable smaller board size, higher packing
density, reduced storage space and finally
smaller equipment to be obtained.
․Besides, lightweight makes them ideal for
miniature applications. etc.
Applications
․Backlighting in dashboard and switch.
․Telecommunication: indicator and backlighting in
telephone and fax.
․Flat backlight for LCD, switch and symbol.
․General use.
Device Selection Guide
Chip
Type
Material
Emitted Color
Lens Color
R6
AlGaInP
Brilliant Red
GH
InGaN
Brilliant Green
Water Clear


Similar Part No. - 19-22-R6GHC-C02-2T

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
19-22-R6GHC-C02-2T TO-GRACE-19-22-R6GHC-C02-2T Datasheet
968Kb / 12P
0603 Package Chip LED with Bi-Color(Multi-Color)
More results

Similar Description - 19-22-R6GHC-C02-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-22-R6G6C-A01-2T EVERLIGHT-19-22-R6G6C-A01-2T Datasheet
199Kb / 12P
Chip LED with Bi-Color(Multi-Color)
19-223-Y2G6C-A01-2T EVERLIGHT-19-223-Y2G6C-A01-2T Datasheet
174Kb / 11P
Chip LED with Bi-Color(Multi-Color)
19-123-Y2ST1D-C30-2T EVERLIGHT-19-123-Y2ST1D-C30-2T_11 Datasheet
309Kb / 14P
Chip LED with Bi-Color(Multi-Color)
19-223-Y2G6C-A01-2T EVERLIGHT-19-223-Y2G6C-A01-2T_11 Datasheet
350Kb / 11P
Chip LED with Bi-Color(Multi-Color)
19-226-R6G7C-A01-2T EVERLIGHT-19-226-R6G7C-A01-2T Datasheet
209Kb / 12P
Chip LED with Bi-Color (Multi-Color)
logo
HK TO-GRACE TECHNOLOGY ...
11-22-R6G6C-QSANP-2T TO-GRACE-11-22-R6G6C-QSANP-2T Datasheet
829Kb / 11P
Chip LED with Bi-Color (Multi-Color)
18-225-R6G6C-A01-3T TO-GRACE-18-225-R6G6C-A01-3T Datasheet
971Kb / 12P
Chip LED with Bi-Color(Multi-Color)
19-22-R6G6C-A01-2T TO-GRACE-19-22-R6G6C-A01-2T Datasheet
842Kb / 12P
Chip LED with Bi-Color(Multi-Color)
19-22-R6GHC-C02-2T TO-GRACE-19-22-R6GHC-C02-2T Datasheet
968Kb / 12P
0603 Package Chip LED with Bi-Color(Multi-Color)
19-223-R7BHC-A30-2T TO-GRACE-19-223-R7BHC-A30-2T Datasheet
994Kb / 12P
Chip LED with Bi-Color(Multi-Color)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com